Electronic Components Datasheet Search
  English  ▼

X  

KITPL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KITPL
Description  Kit Potentiometer Linear Analog Displacement Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITPL Datasheet(HTML) 2 Page - Vishay Siliconix

  KITPL Datasheet HTML 1Page - Vishay Siliconix KITPL Datasheet HTML 2Page - Vishay Siliconix KITPL Datasheet HTML 3Page - Vishay Siliconix KITPL Datasheet HTML 4Page - Vishay Siliconix KITPL Datasheet HTML 5Page - Vishay Siliconix KITPL Datasheet HTML 6Page - Vishay Siliconix KITPL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KITPL
www.vishay.com
Vishay MCB
Revision: 10-Mar-17
2
Document Number: 32546
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
Note
• Standard = analog output
PERFORMANCE
PARAMETER
KITPL038
KITPL041
KITPL061
KITPL085
KITPL085
(RX13-75)
KITPL093
KITPL106
KITPL345
(RX13-300)
Operating temperature range
-35 °C
to +120 °C
-40 °C to +105 °C
Storage temperature range
-46 °C
to +71 °C
-40 °C to +105 °C
Rotation humidity (max.)
5 % to 95 %
Life
10M cycles
SAP PART NUMBERING GUIDELINES
MODEL
TYPE
SIZE
FUNCTION
VALUE
LINEARITY
PACKAGING
3 DIGITS
KITP
L = linear
038
1
472 = 4K7
L = 0.2 %
B = box (1 piece)
To consult
Vishay for
dedicated
3 digits
041
061
U = see Electrical
Specifications
085
093
D = 0.1 %
106
112 = 1K1
U = see Electrical
Specifications
345
103 = 10K
D = 0.1 %
-
DIMENSIONS in millimeters
KITPL038
2.5 ± 0.15
8.5
1.5
11
Ø 1.4
1.4
2.4
1.5 max.
10 ± 0.1
5 ± 0.1
A
A
A-A
8
White
Red
Blue
700
Total electrical travel (TET)
Electrical continuity travel (ECT): 32.2
38.7 max.
Useful electrical travel (UET)
Sheath length 32 min.
Shield cable 3 wires



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com