Electronic Components Datasheet Search
  English  ▼

X  

NTCACAP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCACAP
Description  NTC Thermistors, Refrigerator Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCACAP Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCACAP Datasheet HTML 1Page - Vishay Siliconix NTCACAP Datasheet HTML 2Page - Vishay Siliconix NTCACAP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NTCACAP Series for Refrigerator
www.vishay.com
Vishay BCcomponents
Revision: 03-Feb-17
2
Document Number: 29095
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
Notes
(1) Vishay NTC Thermistor chip with epoxy coatings and special potting resins
(2) ABS plastic cap of refrigerator white color
(3) Double insulated cable, cylindrical, PVC/PVC, 2 x 0.35 mm2 (AWG#22)
(4) Conductors’ end insulation non stripped
MOUNTING
The plastic housing can be inserted in a pocket inside the refrigerator cabinet.
The plastic housing can be assembled with the refrigerator cabinet backside, with the help of adhesive tape, then foamed.
The plastic housing can be inserted on a pipe welded on the evaporator tube.
The plastic housing can be clamped on the evaporator tube with the help of a clip.
Suitable for PCB Edge connection, or plugged in a wire-to-wire connector, or assembled in a terminal block.
DESIGN-IN SUPPORT
• Other Resistance-Temperature curves are available, based on Vishay NTCC100E4 series, or specific customer’s curve.
• Other lead length and other standard plastic caps, like Ø 6 mm x 25 mm, Ø 7 mm x 25 mm, Ø 8 mm x 30 mm,
Ø 9 mm x 30 mm, Ø 9 mm x 49 mm, 7 mm x 7.5 mm x 25 mm or customer specific sensor shapes, are available on request.
• Single insulated cables and Class I sensors can also be supplied.
• The sensors can be supplied without connector, with end-wire stripped, with crimped connectors, sealed connectors, or
insulation displacement connectors (e.g. rast 2.5 mm). Consult Vishay for the list of available connectors.
• Several sensors can be grouped on the same connector, with the same or different shape.
• Additional features, like connection to the door switch, can also be included on the grouping connector.
• Visual aids, like cable jacket colors or position markers can be added to optimize customer's assembling process.
• The cable harness associated with the sensor can be provided as a total solution.
DESIGNERS TOOLS
• 3D solid models: www.vishay.com/doc?29146
• NTC curve computation: www.vishay.com/thermistors/ntc-curve-list/
L1, L2, D1: See table Electrical Data
D2 = 4 mm, L3 = 50 mm
L3
L1
L2
4.
3.
2.
1.
Ø D1
Ø D2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com