Electronic Components Datasheet Search
  English  ▼

X  

NTCLE428 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # NTCLE428
Description  NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE428 Datasheet(HTML) 8 Page - Vishay Siliconix

  NTCLE428 Datasheet HTML 1Page - Vishay Siliconix NTCLE428 Datasheet HTML 2Page - Vishay Siliconix NTCLE428 Datasheet HTML 3Page - Vishay Siliconix NTCLE428 Datasheet HTML 4Page - Vishay Siliconix NTCLE428 Datasheet HTML 5Page - Vishay Siliconix NTCLE428 Datasheet HTML 6Page - Vishay Siliconix NTCLE428 Datasheet HTML 7Page - Vishay Siliconix NTCLE428 Datasheet HTML 8Page - Vishay Siliconix NTCLE428 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NTCLE428
www.vishay.com
Vishay BCcomponents
Revision: 18-Sep-2020
8
Document Number: 29186
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 7
PART IDENTIFICATION
R25
B25/85
k
± %
K
± %
NTCLE428 100K 3 % B4190 K
100
3
4190
1.5
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES
TEMPERATURE
(°C)
RT
(
)
RT/R25
R-TOL.
(± %)
(%/K)
T-TOL.
(± °C)
RMIN.
(
)
RMAX.
(
)
-40.0
3 666 299
36.663
9.05
-6.69
1.35
3 334 354
3 998 244
-35.0
2 637 588
26.376
8.47
-6.49
1.31
2 414 139
2 861 036
-30.0
1 916 576
19.166
7.91
-6.29
1.26
1 764 917
2 068 236
-25.0
1 406 111
14.061
7.38
-6.10
1.21
1 302 387
1 509 836
-20.0
1 041 184
10.412
6.86
-5.92
1.16
969 745
1 112 622
-15.0
777 846
7.7785
6.37
-5.75
1.11
728 330
827 362
-10.0
586 097
5.8610
5.89
-5.58
1.06
551 581
620 613
-5.0
445 257
4.4526
5.43
-5.42
1.00
421 079
469 435
0.0
340 942
3.4094
4.99
-5.26
0.95
323 936
357 948
5.0
263 054
2.6305
4.56
-5.11
0.89
251 054
275 054
10.0
204 446
2.0445
4.15
-4.97
0.84
195 960
212 931
15.0
160 014
1.6001
3.75
-4.83
0.78
154 008
166 020
20.0
126 087
1.2609
3.37
-4.70
0.72
121 837
130 336
25.0
100 000
1.00000
3.00
-4.57
0.66
97 000
103 000
30.0
79 808
0.79808
3.36
-4.45
0.75
77 128
82 488
35.0
64 077
0.64077
3.70
-4.33
0.86
61 703
66 451
40.0
51 745
0.51745
4.04
-4.22
0.96
49 655
53 836
45.0
42 021
0.42021
4.36
-4.11
1.06
40 187
43 855
50.0
34 308
0.34308
4.68
-4.00
1.17
32 702
35 913
55.0
28 156
0.28156
4.98
-3.90
1.28
26 752
29 559
60.0
23 222
0.23222
5.28
-3.80
1.39
21 996
24 449
65.0
19 246
0.19246
5.57
-3.71
1.50
18 174
20 318
70.0
16 025
0.16025
5.85
-3.62
1.62
15 088
16 961
75.0
13 402
0.13402
6.12
-3.53
1.73
12 582
14 222
80.0
11 258
0.11258
6.38
-3.45
1.85
10 539
11 976
85.0
9495.8
0.094958
6.64
-3.36
1.97
8865.6
10 126
90.0
8042.0
0.080420
6.89
-3.28
2.10
7488.3
8595.7
95.0
6837.3
0.068373
7.13
-3.21
2.22
6350.0
7324.7
100.0
5835.1
0.058351
7.36
-3.13
2.35
5405.4
6264.7
105.0
4997.8
0.049978
7.59
-3.06
2.48
4618.4
5377.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com