Electronic Components Datasheet Search
  English  ▼

X  

NTHS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTHS
Description  NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTHS Datasheet(HTML) 2 Page - Vishay Siliconix

  NTHS Datasheet HTML 1Page - Vishay Siliconix NTHS Datasheet HTML 2Page - Vishay Siliconix NTHS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NTHS Series
www.vishay.com
Vishay Dale
Revision: 21-Sep-2021
2
Document Number: 33008
For technical questions, contact: thermistor1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
Note
• Thickness of the part is depending on the resistance value and curve
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: NTHS1206N02N1002JE (preferred part number format)
GLOBAL
MODEL
CONDUCTOR
TYPE
CURVE
CHARACTERISTIC
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
NTHS0402
NTHS0603
NTHS0805
NTHS1206
Nickel barrier
01
02
05
11
17
N
1002 = 10K
F = ± 1 %
G = ± 2 %
H = ± 3 %
J = ± 5 %
K = ± 10 %
E = lead (Pb)-free,
T/R (2K pieces, full)
U = lead (Pb)-free,
T/R (5K pieces, full)
PART NUMBER
L
W
BW
tmax.
NTHS0402
0.040 ± 0.004
(1.02 ± 0.10)
0.022 ± 0.006
(0.56 ± 0.15)
0.010 ± 0.004
(0.25 ± 0.10)
0.028
(0.71)
NTHS0603
0.063 ± 0.008
(1.60 ± 0.20)
0.031 ± 0.008
(0.80 ± 0.20)
0.010 ± 0.006
(0.25 ± 0.15)
0.039
(1.00)
NTHS0805
0.079 ± 0.008
(2.01 ± 0.20)
0.049 ± 0.008
(1.25 ± 0.20)
0.012 ± 0.006
(0.30 ± 0.15)
0.057
(1.45)
NTHS1206
0.126 ± 0.008
(3.20 ± 0.20)
0.063 ± 0.008
(1.60 ± 0.20)
0.018 ± 0.008
(0.46 ± 0.20)
0.071
(1.80)
W
L
BW
t
S1
2
0
N
0
N
6
TH
02J
E
0
N
21



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com