Electronic Components Datasheet Search
  English  ▼

X  

PP22SA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PP22SA
Description  High Reliable Sensor Dedicated to Aeronautic Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PP22SA Datasheet(HTML) 2 Page - Vishay Siliconix

  PP22SA Datasheet HTML 1Page - Vishay Siliconix PP22SA Datasheet HTML 2Page - Vishay Siliconix PP22SA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PP22 SA
www.vishay.com
Vishay MCB
Revision: 25-Nov-16
2
Document Number: 32534
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONS (on request)
• Other ohmic value and tolerances on this ohmic value
• Other linearity and absolute function
• Other total and useful electrical travel
• Other shaft designs
• Mechanical phasing
• Electrical reference: 0.5 U ± 0.1 % U (at middle of electrical travel)
SAP PART NUMBERING GUIDELINES
MODEL
MOUNTING
TYPE
VALUE
LINEARITY
ANGLE
PACKAGING
PP22
S = servo
A = aeronautic
(including ball bearing)
502 = 05K
A = 1 %
B = 0.5 %
090
B = box
DIMENSIONS in millimeters
MECHANICAL INTERFACE DESCRIPTION
DIMENSIONS in millimeters
ELECTRICAL INTERFACE DESCRIPTION
1.6
1.6
1.6
19.05 0
- 0.013
Ø
Ø 3.175 0
- 0.013
1 ± 0.4
0.8 ± 0.2
Ø 6.5 max.
9 ± 0.5
0.6 max.
12
22.1 0
- 0.2
Ø
Potting
18 0
- 2
14.55 ± 0.4
800 min.
3 wires KZ04-04
AWG26
Heat-shrinkable
sleeve
10 ± 5
10 ± 1
U/2 position (option):
Shaft chamfer on red dot side
Alignment of screwdriver slot / red dot: ± 15°
Ø 22.1 max.
Ø 19.25 max.
Ch. 1 à 45°
Total electrical travel: 90° ± 3°
Useful electrical travel: 70°
C.W. (clockwise):
shaft rotation face on
Green
Red
Yellow



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com