Electronic Components Datasheet Search
  English  ▼

X  

PP22SR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PP22SR
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PP22SR Datasheet(HTML) 4 Page - Vishay Siliconix

  PP22SR Datasheet HTML 1Page - Vishay Siliconix PP22SR Datasheet HTML 2Page - Vishay Siliconix PP22SR Datasheet HTML 3Page - Vishay Siliconix PP22SR Datasheet HTML 4Page - Vishay Siliconix PP22SR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PP22 B, PP22 S, PP22 SR
www.vishay.com
Vishay MCB
Revision: 14-Oct-16
4
Document Number: 32542
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
Clockwise when viewed from shaft end
POWER RATING CHART
OPTIONS (on request)
• Other electrical travels:
345° (0°; + 2°); 345° ± 3° (SR), 72° ± 2°
• Other ohmic value: 1 k
, 2 k, 5 k, and 47 k
• Other tolerances on Rn
• Other linearities (example: 0.9 %)
• Middle tap: 8° ± 1°
• Reinforced mechanical fixation on turrets and track to
support big efforts (by gluing)
• Insulation resistance 10 G
 - 500 V
CC
PP22 S, PP22 SR ON REQUEST
OPTION 7
DIMENSIONS in millimeters
20 ± 0.5
1.6 ± 0.1
Ch 0.3 à 45°
0.8
3 x holes Ø 4-40 UNC
depth 3.2 on Ø 13.2 ± 0.1
AC
B
°C
W
0
1.0
70
125



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com