Electronic Components Datasheet Search
  English  ▼

X  

PP22 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PP22
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PP22 Datasheet(HTML) 2 Page - Vishay Siliconix

  PP22 Datasheet HTML 1Page - Vishay Siliconix PP22 Datasheet HTML 2Page - Vishay Siliconix PP22 Datasheet HTML 3Page - Vishay Siliconix PP22 Datasheet HTML 4Page - Vishay Siliconix PP22 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PP22 B, PP22 S, PP22 SR
www.vishay.com
Vishay MCB
Revision: 14-Oct-16
2
Document Number: 32542
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SAP PART NUMBERING GUIDELINES
MODEL
MOUNTING
TYPE
VALUE
LINEARITY
ANGLE
PACKAGING
PP22
B = bushing
S = sleeve bearing
472 = 4.7K
103 = 10K
A = 1 %
B = 0.5 %
340
B = box
S = servo
R = ball bearing
S = sleeve bearing
DIMENSIONS in millimeters
PP22 B
DIMENSIONS in millimeters
PP22 S, PP22 SR
5 tightening max.
9.5
22
Ch 0.5 à 45°
13.5 max.
1.5
0.8
10.25
6.6
4.65
3.3
3.3
3.3
4.65
6.6
3.3
Ch 0.4 à 45°
12.7 ± 0.5
Ø 19.25
15.1 max.
12
1.6 ± 0.1
1.6 ± 0.1
1.6 ± 0.1
0.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com