Electronic Components Datasheet Search
  English  ▼

X  

LSR-0 Datasheet(PDF) 1 Page - Littelfuse

Part # LSR-0
Description  Current Monitoring Relays and Transducers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSR-0 Datasheet(HTML) 1 Page - Littelfuse

  LSR-0 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Current Monitoring Relays and Transducers
www.littelfuse.com/lsr0
Rev: 1-A-062716
Description
The LSR-0 is a self-powered load sensor intended for use as a
proof relay. It is used to verify that current is flowing as intended.
It has a guaranteed 15A pull-in current and 2.5A drop-out current.
Proof relays are typically used to interlock fans, compressors,
motors, heating elements and other devices. The LSR-0 is
self-powered, that is, it draws its power from the wire being
monitored so it does not require separate control power wiring.
Features
J
Self-powered
J
Low cost proof relay
J
Can monitor up to 135A loads
Specifications
Max Current Ratings
135A continuous
Functional Characteristics
Turn-on Threshold
Fixed, 15A (max.)*
Turn-off Threshold
2.5A (min.)
Power
Induced from conductor
Isolation
600VAC rms
Output Characteristics
Relay Output Rating:
Pilot Duty
480VA @ 240VAC
General Purpose
10A
General Characteristics
Temperature Range
-20° to 70°C (-4° to 158°F)
Wire Size
#12-24AWG
Hole Size
0.725” diameter
Terminal Torque
7 in.-lbs.
Safety Marks
CSA, CSA-NRTL/C
(File #46510)
CE
Dimensions
H 42.42 mm (1.67”); W 58.42 mm (2.3”);
D 90.43 mm (3.56”)
Weight
0.35 lb. (5.6 oz., 158.76 g)
Mounting Method
Four #6 screws 3/4” in length
*Conductors may be looped for smaller motor applications.
Caution: This product should not be relied upon solely for safety of life or safety applications.
Self-powered load sensor/low-cost
proof relay
LSR-0
Wiring Diagram
TYPICAL WIRING DIAGRAM FOR REFRIGERATION AND
OIL FAILURE CONTROL
TYPICAL WIRING DIAGRAM FOR BUILDING AUTOMATION
TYPICAL WIRING DIAGRAM FOR BUILDING AUTOMATION


Similar Part No. - LSR-0

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
LSR-100AA FOTEK-LSR-100AA Datasheet
1Mb / 3P
Enhanced heat sink solid state module
LSR-100DA FOTEK-LSR-100DA Datasheet
1Mb / 3P
Enhanced heat sink solid state module
logo
Littelfuse
LSR-115 LITTELFUSE-LSR-115 Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
logo
Heyco.
LSR-1939-300 HEYCO-LSR-1939-300 Datasheet
144Kb / 1P
Multi-Lockit™ Strain Relief Bushing
logo
Littelfuse
LSR-230 LITTELFUSE-LSR-230 Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results

Similar Description - LSR-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
Monitoring Relays AC Current Transformer
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
TCSA LITTELFUSE-TCSA Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com