Electronic Components Datasheet Search
  English  ▼

X  

M-608 Datasheet(PDF) 1 Page - Littelfuse

Part # M-608
Description  MARINE PUSH PULL SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

M-608 Datasheet(HTML) 1 Page - Littelfuse

  M-608 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2019 Littelfuse Commercial Vehicle Products
Rev: 021219
littelfuse.com
Product Datasheet
MARINE PUSH PULL SWITCHES
Specifications Overview
Circuitry:
Single Pole, Single Throw - Normally Open
Housing:
Brass
Ingress Protection:
Hencol Coated (where applicable)
Applications
• Construction Equipment
• Agricultural Equipment
• Material Handling Equipment
• Commercial Vehicles
• Marine Vehicles
Description
Littelfuse Push Pull Switches are designed for universal
applications within harsh environments. Their mounting,
body, and actuator features are designed for ease-of-use and
extended product lifecycle.
With heavy duty brass bodies, the Marine Push Pull
Switches are designed for circuit control within the Marine
environment.
Web Resources
Download 2D print and technical resources at:
littelfuse.com/MarinePushPull
Ordering Information
Visit Littelfuse.com for the most up-to-date product information. Littelfuse products are designed for specific applications and should not be used for any purpose (including, without limitation, automotive
applications) not expressly set forth in applicable Littelfuse product documentation. Warranties granted by Littelfuse shall be deemed void for products used for any purpose not expressly set forth in
applicable Littelfuse product documentation. Littelfuse shall not be liable for any claims or damages arising out of products used in applications not expressly intended by Littelfuse as set forth in applicable
Littelfuse product documentation.
PART
NUMBERS
DESCRIPTION
MOUNTING
VOLTAGE
RATING
INGRESS
PROTECTION
ACTUATOR
POSITIONS
TERMINATION
M-606 *
Normally Open
Push Pull Switch
Face Nut through 0.375
(9.525mm)-32 Panel Hole
10A at 12V DC
Hencol Coated
Brass Pull Plunger
with Knob
2: Off - On
2 stripped
18AWG leads
M-608 *
Normally Open
Push Button Switch
Face Nut through 0.625
(15.8753mm)-32 Panel Hole
10A at 12V DC
Hencol Coated
Black Rubber Plunger
with "Push" Imprint 2: Off - Mom On
2 stripped
18AWG leads
M-626 *
Normally Open Push Button
Starter Switch
Face Nut through 0.625
(15.8753mm)-32 Panel Hole
35A at 12V DC
—
Black Rubber Plunger
with "Push" Imprint 2: Off - Mom On
2 Screw
M-626-02 * Normally Open Push Button
Starter Switch
Face Nut through 0.625
(15.8753mm)-32 Panel Hole
35A at 12V DC,
20A at 24V DC
—
Rubber Plunger
2: Off - Mom On
2 Screw
*  Box and Retail Blister Pack Available
M-606
M-626


Similar Part No. - M-608

ManufacturerPart #DatasheetDescription
logo
Littelfuse
M-608 LITTELFUSE-M-608 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
M-608 LITTELFUSE-M-608 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
logo
NEC
M-608T NEC-M-608T Datasheet
2Mb / 45P
DC Line Fileters
More results

Similar Description - M-608

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
Rhombus Industries Inc.
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
NTE Electronics
54-034 NTE-54-034 Datasheet
399Kb / 1P
Automotive/Marine Rocker Switches
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
logo
Littelfuse
72100 LITTELFUSE-72100 Datasheet
357Kb / 1P
HEADLAMP PUSH PULL SWITCHES
2019 Rev: 021119
5007 LITTELFUSE-5007 Datasheet
502Kb / 1P
ONE CIRCUIT PUSH PULL SWITCHES
2019 Rev: 021219
M-489 LITTELFUSE-M-489 Datasheet
441Kb / 1P
MARINE IGNITION SWITCHES
2019 Rev: 021119
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com