Electronic Components Datasheet Search
  English  ▼

X  

PRS65 Datasheet(PDF) 1 Page - Littelfuse

Part # PRS65
Description  Dedicated - Single Shot
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PRS65 Datasheet(HTML) 1 Page - Littelfuse

  PRS65 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Single Shot
www.littelfuse.com/prs65
Rev: 1-A-062716
PRS65
Single ShotTimer
Wiring Diagram
Description
The PRS65 is a single shot time delay relay for use on non-
critical timing applications. The knob adjustable time delay
carries a guaranteed time range of up to 8 minutes.
Operation
Power must be applied to the input at all times prior to and
during timing. Upon closure of the initiate switch (momentary
or maintained) the output contacts transfer and the time delay
is initiated. At the end of the delay interval, the output contacts
revert to their original position. If the initiate switch is reclosed
during timing, the time delay will not be affected.
Features & Benefits
J
J
Electronic Circuit with Electromechanical Relay
J
J
Popular Operating Voltages
J
J
Octal Plug-in
J
J
Hold Down Clamps Available
Accessories
BZ1 Front Panel Mount Kit
Provides an easy method of through-the-panel
mounting of 8- or 11-pin plug-in timers, flashers,
and other controls.
NDS-8 Octal 8-pin Socket
8-pin 35mm DIN rail or surface mount. Surface
mounted with two #6 (M 3.5 x 0.6) screws or
snaps onto a 35 mm DIN rail. Uses PSC8 hold-
down clips.
3
INITIATE
INPUT
VOLTAGE
OCTAL, SPDT
4
5
6
7
8
1
2
Specifications
Time Delay
Type
Analog circuitry
Range
7 to 480 seconds
Repeat Accuracy
±2% under fixed conditions
Tolerance
Knob adjustable: guaranteed range
Reset Time
80ms max.
Recycle Time
After Timing
16ms max.
During Timing
0.1% of max. time delay or 75ms, whichever
is greater
Time Delay vs. Temp.
& Voltage
15% max.
Input
Voltage
230VAC, nominal
Tolerance
±15% of nominal
AC Line Frequency
50/60 Hz
Output
Type
Relay
Form
Single Pole, Double Throw
Rating
10 amperes resistive at 240VAC
Protection
Transient
±1500 volts for 150 microseconds
Dielectric Breakdown
≥1500 V rms min. at 60 Hz between input and
output terminals
Mechanical
Mounting
Plug in (hold-down clips for panel mounting
also available)
Termination
Standard Octal Plug-in
Dimensions
H 92.2 mm (3.63”); W 60.45 mm (2.38”);
D 44.45 mm (1.75”)
Environmental
Operating/Storage
Temperature
-20° to 65°C / -30° to 85°C
Humidity
95% relative, non-condensing
Weight
Approx. 6 oz (170 g)
8-PIN


Similar Part No. - PRS65

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
Packet Routing Switch
More results

Similar Description - PRS65

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-T248 AAEON-PER-T248 Datasheet
130Kb / 1P
supports single-shot transmission
logo
Littelfuse
HRDS LITTELFUSE-HRDS Datasheet
701Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062116
HSPZA22SL LITTELFUSE-HSPZA22SL Datasheet
450Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
KRD9 LITTELFUSE-KRD9 Datasheet
612Kb / 2P
Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062216
KRDS LITTELFUSE-KRDS Datasheet
525Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
ORS LITTELFUSE-ORS Datasheet
424Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
TSD94110SB LITTELFUSE-TSD94110SB Datasheet
204Kb / 1P
Time Delay Relays - Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062716
TSDS LITTELFUSE-TSDS Datasheet
516Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
THDS LITTELFUSE-THDS Datasheet
399Kb / 2P
Time Delay Relays / Dedicated - Single Shot
2016 Rev: 1-A-062216
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com