Electronic Components Datasheet Search
  English  ▼

X  

400ABDBB1 Datasheet(PDF) 34 Page - ON Semiconductor

Part # 400ABDBB1
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400ABDBB1 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button 400ABDBB1 Datasheet HTML 30Page - ON Semiconductor 400ABDBB1 Datasheet HTML 31Page - ON Semiconductor 400ABDBB1 Datasheet HTML 32Page - ON Semiconductor 400ABDBB1 Datasheet HTML 33Page - ON Semiconductor 400ABDBB1 Datasheet HTML 34Page - ON Semiconductor 400ABDBB1 Datasheet HTML 35Page - ON Semiconductor 400ABDBB1 Datasheet HTML 36Page - ON Semiconductor 400ABDBB1 Datasheet HTML 37Page - ON Semiconductor 400ABDBB1 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
NCP12400
www.onsemi.com
34
Clamped Driver
The supply voltage for the NCP12400 can be as high as
36 V, but most of the MOSFETs that will be connected to the
DRV pin cannot accept more than 20 V on their gate. The
driver pin is therefore safely clamped below 16 V. This
driver has a typical capability of 500 mA for source current
and 800 mA for sink current.
Current−Mode Control With Slope Compensation and
Soft−Start
NCP12400 is a current−mode controller, which means
that the FB voltage sets the peak current flowing in the
transformer primary inductance and the MOSFET. This is
done through a PWM comparator: the current is sensed
across a resistor and the resulting voltage is applied to the CS
pin. It is applied to one input of the PWM comparator
through a 250 ns LEB block. On the other input the FB
voltage subducted by offset typically 0.8 V and divided by
4 sets the threshold: when the voltage ramp reaches this
threshold, the output driver is turned off. The maximum
value for the current sense is 0.7 V, and it is set by a dedicated
comparator.
Each time the controller is starting, i.e. the controller was
off and starts – or restarts – when VCC reaches VCC(on), a
soft−start is applied: the current sense set−point is increased
by 32 discrete steps from 0 (the minimum level can be higher
than 0 because of the LEB and propagation delay) until it
reaches VILIM (after a duration of tSSTART), or until the FB
loop imposes a setpoint lower than the one imposed by the
soft−start (the 2 comparators outputs are OR’ed).
During the soft−start the oscillator frequency increase
from the minimum switching frequency to the maximum
switching frequency following the ramp applied to current
sense set−point.
Figure 64. Soft−Start Feature
Time
CS Setpoint
Soft−start ramp
VFB takes
over soft −start
tSSTART
Time
VFB
VILIM
VILIM
KFB x VILIM
Time
OSC frequency
Soft−start ramp
tSSTART
VILIM
fSW
tSSTART
fSW,min
Time
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com