Electronic Components Datasheet Search
  English  ▼

X  

400CBDBB1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 400CBDBB1
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400CBDBB1 Datasheet(HTML) 4 Page - ON Semiconductor

  400CBDBB1 Datasheet HTML 1Page - ON Semiconductor 400CBDBB1 Datasheet HTML 2Page - ON Semiconductor 400CBDBB1 Datasheet HTML 3Page - ON Semiconductor 400CBDBB1 Datasheet HTML 4Page - ON Semiconductor 400CBDBB1 Datasheet HTML 5Page - ON Semiconductor 400CBDBB1 Datasheet HTML 6Page - ON Semiconductor 400CBDBB1 Datasheet HTML 7Page - ON Semiconductor 400CBDBB1 Datasheet HTML 8Page - ON Semiconductor 400CBDBB1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
NCP12400
www.onsemi.com
4
SIMPLIFIED INTERNAL BLOCK SCHEMATIC
Figure 2. Simplified Internal Block Schematic
freq folback
jittering
Skip _CMP
SkipB
4uMho
Ramp_OTA
CSref
Soft Start timer
Reset
Q
Set
Qb
Clamp
Fault timer
TSD
FB
CS
DRV
GND
VCC
Fault
Ilimit_CMP
PWM_CMP
SoftStart_CMP
LEB 250 ns
LEB 120 ns
CSstop_CMP
TSD
Latch
Enable
RESET
SS _end
Ilimit
Vfb(reg)
MAX_ton
MAX_ton
Brown_Out
Reset
Q
Set
Qb
PWM
IC stop
V to I
Iopc = 0.5u*(Vhv −125)
Off_mode_CMP1
ICstart
FBbuffer
VCC
UVLO_CMP
FAULT
VccOVP
OTP
OTP_CMP
OVP_CMP
HV
Brown_In
VccOVP_CMP
Vdd
Set
Q
Rese t Qb
Latch
Brown_Out
RESET
OVP
AC_Off
UVLO
VCC
Vcc_Int
IC stopB
Vhv DC sample
OM & X2 & Vcc
Vdd reg
Vdd
Vcc regulator
PowerOnReset _CMP
control
Dual HV
start −up
current source
TSD
RESET
Vfb < 1.64 V fix current setpoint 210mV
X 2 discharge
11 V regulator
ON_CMP
STOP_CMP
VccON
VccMIN
GoToOffMode timer 500ms
Set
Q
Reset Qb
Off_mode_CMP2
FM input
OSC 65kHz
PFM input
Square output
Saw output
ton_max output
3. 0V
Vdd
4 events timer
LEB 1 us
OVP_CMP
DRV
4 events timer
600ns timer
55 us
Filter
300 us
Filter
10 us
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com