Electronic Components Datasheet Search
  English  ▼

X  

APTC80TA15P Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTC80TA15P
Description  Triple phase leg Super Junction MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC80TA15P Datasheet(HTML) 1 Page - Advanced Power Technology

  APTC80TA15P Datasheet HTML 1Page - Advanced Power Technology APTC80TA15P Datasheet HTML 2Page - Advanced Power Technology APTC80TA15P Datasheet HTML 3Page - Advanced Power Technology APTC80TA15P Datasheet HTML 4Page - Advanced Power Technology APTC80TA15P Datasheet HTML 5Page - Advanced Power Technology APTC80TA15P Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTC80TA15P
APT website – http://www.advancedpower.com
1 – 6
W
VBUS1
VBUS2
VBUS3
0/VBUS3
V
G5
G6
S5
S6
0/VBUS1
S2
G2
G1
S1
0/VBUS2
U
S3
S4
G3
G4
S5
G5
G6
S6
VBUS 2
0/VBUS 3
VBUS 3
0/VBUS 2
W
V
G4
S4
G3
S3
VBUS 1
0/VBUS 1
S1
G1
S2
G2
U
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
800
V
Tc = 25°C
28
ID
Continuous Drain Current
Tc = 80°C
21
IDM
Pulsed Drain current
110
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
150
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
277
W
IAR
Avalanche current (repetitive and non repetitive)
24
A
EAR
Repetitive Avalanche Energy
0.5
EAS
Single Pulse Avalanche Energy
670
mJ
VDSS = 800V
RDSon = 150mΩ max @ Tj = 25°C
ID = 28A @ Tc = 25°C
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Very low (12mm) profile
•
Each leg can be easily paralleled to achieve a phase
leg of three times the current capability
•
Module can be configured as a three phase bridge
•
Module can be configured as a boost followed by a
full bridge
Triple phase leg
Super Junction MOSFET
Power Module


Similar Part No. - APTC80TA15P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC80TA15PG MICROSEMI-APTC80TA15PG Datasheet
307Kb / 6P
Triple phase leg Super Junction MOSFET Power Module
More results

Similar Description - APTC80TA15P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60TAM35P ADPOW-APTC60TAM35P Datasheet
334Kb / 6P
Triple phase leg Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60TAM35PG MICROSEMI-APTC60TAM35PG Datasheet
308Kb / 6P
Triple phase leg Super Junction MOSFET Power Module
APTC80TA15PG MICROSEMI-APTC80TA15PG Datasheet
307Kb / 6P
Triple phase leg Super Junction MOSFET Power Module
APTC60AM24T1G MICROSEMI-APTC60AM24T1G Datasheet
318Kb / 6P
Phase leg Super Junction MOSFET Power Module
APTC60AM45T1G MICROSEMI-APTC60AM45T1G Datasheet
318Kb / 6P
Phase leg Super Junction MOSFET Power Module
APTC60AM70T1G MICROSEMI-APTC60AM70T1G Datasheet
327Kb / 6P
Phase leg Super Junction MOSFET Power Module
APTC60TAM24TPG MICROSEMI-APTC60TAM24TPG Datasheet
269Kb / 6P
Triple phase leg Super Junction MOSFET Power Module
APTC80A15T1G MICROSEMI-APTC80A15T1G Datasheet
326Kb / 6P
Phase leg Super Junction MOSFET Power Module
APTC90A12T1G MICROSEMI-APTC90A12T1G Datasheet
209Kb / 5P
Phase leg Super Junction MOSFET Power Module
APTC90TAM60TPG MICROSEMI-APTC90TAM60TPG Datasheet
235Kb / 5P
Triple phase leg Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com