Electronic Components Datasheet Search
  English  ▼

X  

PP27 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PP27
Description  Single Turn Continuous Rotation Potentiometer or with Stop-Ends Conductive Plastic Track
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PP27 Datasheet(HTML) 2 Page - Vishay Siliconix

  PP27 Datasheet HTML 1Page - Vishay Siliconix PP27 Datasheet HTML 2Page - Vishay Siliconix PP27 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PP27 BS
www.vishay.com
Vishay MCB
Revision: 21-Jun-2022
2
Document Number: 32536
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
Clockwise when viewed from shaft end
POWER RATING CHART
OPTIONS (on request)
• Continuous rotation (without stop-ends)
• Through shaft
• Ganging 2 or 3
• Other electrical travels
• Other ohmic value
• Other tolerances on Rn
• Other linearities (0.5 %)
• Middle tap
• Shaft with different length (top shaft, rear shaft), screwdriver slot
• Pin on the through shaft to use the rear side of potentiometer as a dial
• Output with wires equipped of connector
SAP PART NUMBERING GUIDELINES
MODEL
MOUNTING
TYPE
GANG
VALUE
LINEARITY
ANGLE
PACKAGING
PP27
B = bushing
S = sleeve bearing
1
103 = 10K
A = 1 %
310
B = box
DIMENSIONS in millimeters
a
b
c
11.25 ± 0.5
19 ± 0.5
L standard 25 ± 0.5
9 ± 0.5
2 ± 0.2
1.5 ± 0.2
10 ± 0.5
Front panel
AC
B
°C
W
0
1.0
40
105



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com