Electronic Components Datasheet Search
  English  ▼

X  

PP27 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PP27
Description  Redundant Sensor Dedicated to Aeronautic Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PP27 Datasheet(HTML) 2 Page - Vishay Siliconix

  PP27 Datasheet HTML 1Page - Vishay Siliconix PP27 Datasheet HTML 2Page - Vishay Siliconix PP27 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PP27 EA
www.vishay.com
Vishay MCB
Revision: 06-Oct-16
2
Document Number: 32533
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONS (on request)
• Other ohmic value and tolerances on this ohmic value
• Other length of wires: 740 mm minimum
• Other total and useful electrical travel
• Other shaft designs
• Possibility to remove the middle tap
• Mechanical phasing
 250 mV
• Phasing between gang
 0.1 % U
• Independent linearity ± 0.125 %; ± 0.1 %
• Middle point ± 5 ± 0.05 U
• Other linearities and absolute functions
OUTPUT VOLTAGE ERROR
SAP PART NUMBERING GUIDELINES
MODEL
MOUNTING
TYPE
GANG
VALUE
LINEARITY
ANGLE
PACKAGING
PP27
E = ears
A = aeronautic
(including ball
bearing)
2
3
4
103 = 10K
A = 1 %
B = 0.5 %
C = 0.25 %
316
B = box
DIMENSIONS in millimeters
0.4 max.
2.8
2
10 ± 0.3
Length of wires: 1120 mm minimum
Ø 37
max.
6°
6°
R
1.6
10°
10°
R
3
R
3
4 cups: 38.8 max.
3 cups: 27.8 max.
2 cups: 21.8 max.
10
100
1000
10000
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-85
-75
-65
-55
-45
-35
-25
-15
-5
5
15
25
35
45
55
65
75
85
Axis Title
Angle (°)
2nd line



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com