Electronic Components Datasheet Search
  English  ▼

X  

PP36 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PP36
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PP36 Datasheet(HTML) 2 Page - Vishay Siliconix

  PP36 Datasheet HTML 1Page - Vishay Siliconix PP36 Datasheet HTML 2Page - Vishay Siliconix PP36 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PP36
www.vishay.com
Vishay MCB
Revision: 25-Jan-18
2
Document Number: 32513
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
Clockwise direction viewed from control shaft side
POWER RATING CHART
OPTIONS (on request)
• Bushing mounting
• Other tolerances on Rn
• Other linearities
• Other theoretical electrical travel
•Center tap
• Sleeve bearing (S) in place of ball bearing (R)
SAP PART NUMBERING GUIDELINES
MODEL
MOUNTING
TYPE
VALUE
LINEARITY
THEORETICAL ELECTRICAL TRAVEL
PACKAGING
PP36
S = servo
R = ball
bearing
472 = 4.7K
103 = 10K
A = 1 %
350
B = box
DIMENSIONS in millimeters
60°
25
20 max.
16.3 max.
1
0
- 0.05
1.6
2.3
on Ø 24
9.5
3
Bushing mounting kit
1.5
3 x M3 holes at 120°
A
C
B
°C
W
0
70
125
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com