Electronic Components Datasheet Search
  English  ▼

X  

RAME030 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RAME030
Description  Rotational Absolute Magnetic Encoder Version 30 mm HP Position Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAME030 Datasheet(HTML) 2 Page - Vishay Siliconix

  RAME030 Datasheet HTML 1Page - Vishay Siliconix RAME030 Datasheet HTML 2Page - Vishay Siliconix RAME030 Datasheet HTML 3Page - Vishay Siliconix RAME030 Datasheet HTML 4Page - Vishay Siliconix RAME030 Datasheet HTML 5Page - Vishay Siliconix RAME030 Datasheet HTML 6Page - Vishay Siliconix RAME030 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RAME030
www.vishay.com
Vishay MCB
Revision: 06-Jul-2022
2
Document Number: 32587
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) For the test setup, the metallic support of the electronic support is directly bonded with a braid to the ground plane and additional connection
of the cable shielding to the ground plane
(2) Tests have been performed on electronic board and magnet without the mechanical housing of the encoder
MAXIMUM SPEED VS. ACCURACY CHART (latency time excluded)
SAP PART NUMBERING GUIDELINES
TYPE
MODEL
DESIGN
SIZE
(mm)
TYPE
FUNCTION
ACCURACY
(BITS)
RESOLUTION
(BITS)
OUTPUT
PACKAGING
R = rotational
AM
E = encoder
with housing
030
M
1
13
17
J = SSI CCW
B = box
PERFORMANCE
PARAMETER
Operating temperature range
-40 °C to +105 °C
Storage temperature range
-45 °C to +105 °C
Acceleration (2)
100 g for 1 s
Vibration (three major axis) (2)
Vibration profile 1: 0.05 g2/Hz, 20 Hz to 2000 Hz for 1 h along
Vibration profile 2: see figure 1 - tested according “Endurance” profile
Vibration profile 3: see figure 2 - tested according “Endurance” profile
Vibration profile 4: see figure 3 - tested according “Endurance” profile
Vibration profile 5: see figure 4 - tested according “Endurance” profile
Shock (2)
180 g, 14 ms, 1/2 sine
EMC (2)
According to MIL-STD-461F:
- RE101: radiated emissions, magnetic field, 30 Hz to 100 kHz - limit for all navy applications to
figure RE101-2
- RE102: radiated emissions, electric field, (10 kHz to 18 GHz) - curve for fixed wing external and
helicopters at 2 MHz to 18 GHz, according to figure RE102-3 (1)
- RS101: radiated susceptibility, magnetic field, 30 Hz to 100 kHz - limit for all navy applications
according to figure RS101-1
- RS103: radiated susceptibility, electric field, (2 MHz to 40 GHz) - 200 V/m, according to Table XI,
aircraft external
Humidity (2)
HR
≤ 88 % (non-condensing) operating 48 hours
10
100
1000
10000
1
10
100
1000
10 000
0.01
0.1
1
10
Axis Title
Acurracy (°)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com