Electronic Components Datasheet Search
  English  ▼

X  

RAME033 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RAME033
Description  Rotational Absolute Magnetic Encoder, 33 mm and 37 mm Displacement Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAME033 Datasheet(HTML) 3 Page - Vishay Siliconix

  RAME033 Datasheet HTML 1Page - Vishay Siliconix RAME033 Datasheet HTML 2Page - Vishay Siliconix RAME033 Datasheet HTML 3Page - Vishay Siliconix RAME033 Datasheet HTML 4Page - Vishay Siliconix RAME033 Datasheet HTML 5Page - Vishay Siliconix RAME033 Datasheet HTML 6Page - Vishay Siliconix RAME033 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RAME033, RAME037
www.vishay.com
Vishay MCB
Revision: 30-Nov-2021
3
Document Number: 32540
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
RAME033
1.5 +0.1
-0.05
1.5 +0.1
-0.05
1.5 +0.1
-0.05
21
° +1°
-0
°
12.5
14.8 max.
Length 500 min
from housing to
free end cable
View A
9.35
Ø 2 ± 0.2
A
Ø 0.5 B A
Ch. 0.2 à 45°
B
Detail B
8 ± 0.1
R0.3
max.
B
1.2 B
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com