Electronic Components Datasheet Search
  English  ▼

X  

REC110L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # REC110L
Description  Precision Linear Transducers, Conductive Plastic, up to 450 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC110L Datasheet(HTML) 2 Page - Vishay Siliconix

  REC110L Datasheet HTML 1Page - Vishay Siliconix REC110L Datasheet HTML 2Page - Vishay Siliconix REC110L Datasheet HTML 3Page - Vishay Siliconix REC110L Datasheet HTML 4Page - Vishay Siliconix REC110L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series REC 110 L
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
2
Document Number: 54012
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters, general tolerance ± 1 mm
STANDARD MODEL
WITH CABLE OUTPUT: W04029
A
26
10
TET + 47
SETTING AREA: D = TET + 35
SETTING AREA: D = TET + 35
TET + 47
26
A
CABLE OUTPUT 3 WIRES AWG24
LENGTH 300 mm MIN.
23
45
18
28.8 ± 0.2
4 HOLES Ø 4.2
4 HOLES Ø 4.2
45
28.8 ± 0.2
18
VIEW A
VIEW A
ELECTRICAL CONNECTIONS
TABLE 1
THEORETICAL ELECTRICAL TRAVEL
TET
ACTUAL ELECTRICAL TRAVEL
AET
TOLERANCE
From 25 mm to 275 mm
TET + 1 mm
± 0.5 mm
From 300 mm to 450 mm
TET + 1 mm
± 0.8 mm
TET = THEORETICAL ELECTRICAL TRAVEL
AET = Actual ELECTRICAL TRAVEL
MT = MECHANICAL TRAVEL
PIN 3: +
PIN 2: WIPER
PIN 1: -
TET
AET
MT
TET
AET
MT
BLUE WIRE: +
RED WIRE: WIPER
WHITE WIRE: -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com