Electronic Components Datasheet Search
  English  ▼

X  

REC38L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # REC38L
Description  Precision Linear Transducers, Conductive Plastic, Up to 150 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC38L Datasheet(HTML) 2 Page - Vishay Siliconix

  REC38L Datasheet HTML 1Page - Vishay Siliconix REC38L Datasheet HTML 2Page - Vishay Siliconix REC38L Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series REC 38 L
www.vishay.com
Vishay Sfernice
Revision: 19-Mar-2021
2
Document Number: 54010
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters, general tolerance ± 1 mm
TABLE 1
SIZE
TET
MT
A
38 L0.5
12.5
15.5
43.5
38 L01
25
28
56
38 L02
50
53
81
38 L03
75
78
106
38 L04
100
103
131
38 L05
125
128
156
38 L06
150
153
181
ELECTRICAL CONNECTIONS
ORDERING INFORMATION / DESCRIPTION
REC
38
L
0.5
C
102
W...
e1
SERIES
MODEL
NUMBER
OF TRACKS
ELECTRICAL
TRAVEL
LINEARITY
OHMIC VALUE
MODIFICATIONS
LEAD FINISH
L = 1 track
0.5 = 12.5 mm
1 = 25 mm
2 = 50 mm
3 = 75 mm
4 = 100 mm
5 = 125 mm
6 = 150 mm
A: ± 1 %
B: ± 0.5 %
C: ± 0.25 %
D: ± 0.1 %
First 2 digits are
significant
numbers 3rd digit
indicates number
of zeros
Special feature
code number
Sn Ag Cu
SAP PART NUMBERING GUIDELINES
RE
38 L
0.5
C
102
W....
SERIES
MODEL
TET
LINEARITY
OHMIC VALUE
SPECIAL FEATURES
3 wires AWG 28 Lg: 300 mm
Thermofit sleeve
10 ± 2: clamping area
10 ± 2: clamping area
10 min.
12.7
A
Green
Yellow
Red
TET
AET
MT
TET = theoretical electrical travel
AET = actual electrical travel
MT
= mechanical travel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com