Electronic Components Datasheet Search
  English  ▼

X  

REC50L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # REC50L
Description  Precision Linear Transducers, Conductive Plastic, up to 300 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC50L Datasheet(HTML) 3 Page - Vishay Siliconix

  REC50L Datasheet HTML 1Page - Vishay Siliconix REC50L Datasheet HTML 2Page - Vishay Siliconix REC50L Datasheet HTML 3Page - Vishay Siliconix REC50L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series REC 50 L
www.vishay.com
Vishay Sfernice
Revision: 17-Sep-12
3
Document Number: 54011
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONS - DIMENSIONS in millimeters
OPTION 1: SEALED (IP65): W03242
MODEL
CODE
L
50 L ...
W03242
TET + 70.5
OPTION 2: SPRING LOADED SHAFT; OUTPUT BY SHIELDED CABLE: W01743
MODEL
CODE
A
L
50 L1
W01743
70
TET + 97.8
50 L2
W01743
116
50 L3
W01743
162
50 L4
W01743
208
OPTION 3: DOUBLE BALL JOINT: W01565
MODEL CODE
B
L
Ø V
W
X
Y
TET
50 L W01565
L1 to L3
TET + 108.5
TET + 57.5
3
6
12
30 ± 2
25 to 75
L4 to L6
TET + 133.5
TET + 82.5
3
6
12
30 ± 2
100 to 150
ORDERING INFORMATION/DESCRIPTION
REC
50
L
3
D
103
W...
e1
SERIES
MODEL
NUMBER
OF TRACKS
THEORETICAL
ELECTRICAL
TRAVEL
LINEARITY
OHMIC VALUE
MODIFICATIONS
LEAD FINISH
L = 1 track
LL = 2 tracks
Times 25 mm
A: ± 1 %
D: ± 0.1 %
E: ± 0.05 %
F: ± 0.025 %
First 2 digits are
significant numbers
3rd digit indicates
number of zeros
Special feature
code number
Sn Ag Cu
SAP PART NUMBERING GUIDELINES
RE
50 L
3
D
103
W....
SERIES
MODEL
TET
LINEARITY
OHMIC VALUE
SPECIAL FEATURES
L
13 MAX.
Ø 13 MAX.
L
A
13 MAX.
Ø 13 MAX.
B
L
Y
Ø V
W
X
15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com