Electronic Components Datasheet Search
  English  ▼

X  

RH28 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RH28
Description  Analog Linear Displacement Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH28 Datasheet(HTML) 3 Page - Vishay Siliconix

  RH28 Datasheet HTML 1Page - Vishay Siliconix RH28 Datasheet HTML 2Page - Vishay Siliconix RH28 Datasheet HTML 3Page - Vishay Siliconix RH28 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RH28
www.vishay.com
Vishay MCB
Revision: 14-Oct-2022
3
Document Number: 32528
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
Direction of wiper displacement with shaft extended
BINDER 713 Series M12 connector (4 pin)
for use with a 3 mm to 6 mm diameter cable
Soldering contacts for 0.75 mm2 max. wires
OPTIONS (on request)
• Independent linearity ± 0.05 %
• 25 mm and 50 mm electrical travels
• Front pivot
• Rear pivot (with radial cable output only)
CONNECTOR OUTPUT VERSION (WITH STRAIGHT OR RIGHT ANGLE PLUG, S OR C VERSION)
MOUNTING
Useful electrical travel UET
Up to 250 mm
300 mm to 550 mm
600 mm to 900 mm
1000 mm
Number of flanges
4
6
8
10
DIMENSIONS in millimeters
C version
S version (= standard version)
58
38
Customer
cable
Customer
cable
4 way
connector
4 way
connector
43
+ 0.2
0
3.9
0
- 0.1
2.8
0
- 0.1
5
11.5
Ø 4.2
M4 CHC screw
Flange
Flange
Yellow
Red
Green
13
2
1
3
4
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com