Electronic Components Datasheet Search
  English  ▼

X  

TFPT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TFPT
Description  SMD PTC - Nickel Thin Film Linear Thermistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPT Datasheet(HTML) 4 Page - Vishay Siliconix

  TFPT Datasheet HTML 1Page - Vishay Siliconix TFPT Datasheet HTML 2Page - Vishay Siliconix TFPT Datasheet HTML 3Page - Vishay Siliconix TFPT Datasheet HTML 4Page - Vishay Siliconix TFPT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TFPT
www.vishay.com
Vishay
Revision: 14-Jan-2020
4
Document Number: 33017
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATIO FORMULA
RT = R25 x (9.0014 x 10-1 + 3.87235 x 10-3 (°C)-1 x T + 4.86825 x 10-6 (°C)-2 x T2 + 1.37559 x 10-9 (°C)-3 x T3)
T(°C) = 28.54 x (RT/R25)3 - 158.5 x (RT/R25)2 + 474.8 x (RT/R25) - 319.85)
RATIO TOLERANCE EXAMPLES:
At 40 °C, ratio = 1.063 ± 0.5 % (0.005)
so, ratio = 1.058 to 1.068
At 125 °C, ratio = 1.460 ± 3 % (0.044)
so, ratio = 1.416 to 1.504
At intermediate temperatures, the ratios can be gradually
adapted, for example at 105 °C the ratio tolerance will be
± 2.5 %.
For total resistance tolerance, the specific R25 tolerance
needs to be multiplied with the ratio tolerance, for example
a 100R 1 % at 25 °C will have a maximum resistance at
125 °C of 100R x 1.463 x 1.03 x 1.01 = 152.2
.
RATIO RT/R25
POWER DERATING
Note
• Zero power is considered as measuring power max. 1 % of rated
power P70
TCR TYPICAL VALUE
RATIO TOLERANCES
LOW TEMP.
HIGH TEMP.
TOL.
-55 °C
+150 °C
± 4 %
-40 °C
+125 °C
± 3 %
-20 °C
+85 °C
± 2 %
0 °C
+55 °C
± 1 %
+12 °C
+40 °C
± 0.5 %
10
100
1000
10000
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-75 -50 -25
0
25
50
75 100 125 150
Axis Title
Temperature (°C)
Max.
Min.
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
110
-75 -50 -25
0
25 50 75 100 125 150 175
Axis Title
Temperature (°C)
10
100
1000
10000
3600
3700
3800
3900
4000
4100
4200
4300
4400
4500
4600
4700
4800
-75 -50 -25
0
25 50 75 100 125 150 175
Axis Title
Temperature (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com