Electronic Components Datasheet Search
  English  ▼

X  

UFPMA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UFPMA
Description  Displacement Sensor, Ultra Flats
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFPMA Datasheet(HTML) 2 Page - Vishay Siliconix

  UFPMA Datasheet HTML 1Page - Vishay Siliconix UFPMA Datasheet HTML 2Page - Vishay Siliconix UFPMA Datasheet HTML 3Page - Vishay Siliconix UFPMA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UFPMA, UFPMC
www.vishay.com
Vishay MCB
Revision: 25-Aug-2022
2
Document Number: 32514
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SAP PART NUMBERING GUIDELINES - UFPMA
MODEL
TYPE
THEORETICAL ELECTRICAL TRAVEL (mm)
TYPE
VALUE
LINEARITY
LEADS
PACKAGING
UFPM
A = linear
060
100
150
200
250
A = aeronautic,
off-road, or
medical
472 = 4K7
X = ± 2 %
(UFPMA)
W = wires
B = bulk
CONNECTIONS
3 x AWG 22 color wires length 300 mm
DIMENSIONS in millimeters
UFPMA
UFPMC (ON REQUEST)
15
Customer support adhesive
Customer support
Theoretical Electrical Travel (TET)
Electrical continuity travel (TET + 4)
TET + 25
AWG 22
Potting
MCB Industry
A
A
A-A
ECT = 310°
TET = 270°
Ø
54
B
B
Thickness of the rigid 1.6
support (option)
0.6
AGW 22
Customer support
Customer
shaft
Presser
Adhesive
M3
Presser
8.5
12.75
4.5 ± 0.1
15.85
4.15
Potting
Ø
3.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com