Electronic Components Datasheet Search
  English  ▼

X  

UFPMC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UFPMC
Description  Displacement Sensor, Ultra Flats
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFPMC Datasheet(HTML) 1 Page - Vishay Siliconix

  UFPMC Datasheet HTML 1Page - Vishay Siliconix UFPMC Datasheet HTML 2Page - Vishay Siliconix UFPMC Datasheet HTML 3Page - Vishay Siliconix UFPMC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UFPMA, UFPMC
www.vishay.com
Vishay MCB
Revision: 25-Aug-2022
1
Document Number: 32514
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Displacement Sensor, Ultra Flat
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Sealed
• Infinite resolution
• High integration capacity
• Durability
• Rectilinear: UFPMA type
• Circular: UFPMC type
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) See “Specific UFPMA Characteristics” table
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
QUICK REFERENCE DATA
Sensor type
LINEAR or ROTATIONAL, conductive plastic
Output type
Output by wires or connector
Market appliance
Industrial, avionics
Dimensions
4 mm (thickness max.)
333
DDD3 D
3D Models
Videos
Application
Notes
ELECTRICAL SPECIFICATIONS
PARAMETER
UFPMA
UFPMC
Total resistance (Rn)
4.7 k
Ω
Tolerance on Rn
± 20 %
Dissipation
≤ 0.1 W/cm of travel (1)
≤ 1 W to 70 °C
Theoretical electrical travel (TET)
20 mm to 250 mm (1)
270°
Tolerance on TET
± 1 mm
± 3°
Electrical continuity travel
TET + 4 mm
310°
Linearity
± 2 %
± 1.5 %
Temperature coefficient
-300 ppm/°C ± 300 ppm/°C
Collector / track current (Ic)
≤ 1 mA
Recommended current Ic
≤ 100 μA
Recommended load impedance
≥ 100 Rn
Output smoothness
< 0.1 % (NFC 93 255)
MECHANICAL SPECIFICATIONS
PARAMETER
UFPMA
UFPMC
Design
Flexible insulating films
Flexible insulating films on FR4 substrate
Mechanical travel
= Electrical continuity travel
= Electrical continuity travel (customer stops)
Backlash
< 0.1 mm
< 0.3°
Mounting
With double-sided adhesive on flat, clean, and dry support
Speed displacement
≤ 1.5 m/s
Drive
Force
≥ 0.3 N
Torque
≥ 1 N cm
Protection class (NFC 20 010)
IP 66
Maximum alignment fault
± 1 mm
-
PERFORMANCE
PARAMETER
UFPMA
UFPMC
Life
25M operations for TET < 200 mm
> 10M cycles
15M operations for TET
≥ 200 mm
Operating temperature range
-30 °C to +80 °C
Storage temperature range
-40 °C to +90 °C
Support
Flat, clean, and dry


Similar Part No. - UFPMC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFPMA VISHAY-UFPMA Datasheet
270Kb / 4P
Displacement Sensor, Ultra Flat
15-Dec-17
UFPMA060A472WB VISHAY-UFPMA060A472WB Datasheet
270Kb / 4P
Displacement Sensor, Ultra Flat
15-Dec-17
UFPMA100A472WB VISHAY-UFPMA100A472WB Datasheet
270Kb / 4P
Displacement Sensor, Ultra Flat
15-Dec-17
UFPMA150A472WB VISHAY-UFPMA150A472WB Datasheet
270Kb / 4P
Displacement Sensor, Ultra Flat
15-Dec-17
UFPMA200A472WB VISHAY-UFPMA200A472WB Datasheet
270Kb / 4P
Displacement Sensor, Ultra Flat
15-Dec-17
More results

Similar Description - UFPMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SY190 ETC1-EE-SY190 Datasheet
349Kb / 3P
Micro-displacement Sensor
logo
Omron Electronics LLC
Z4D-A01 OMRON-Z4D-A01 Datasheet
333Kb / 4P
Micro-displacement Sensor
Z4D-B01 OMRON-Z4D-B01 Datasheet
326Kb / 6P
Micro-displacement Sensor
E4PA-N OMRON-E4PA-N Datasheet
316Kb / 9P
Ultrasonic Displacement Sensor
logo
Vishay Siliconix
RP12 VISHAY-RP12 Datasheet
109Kb / 4P
Analog Linear Displacement Sensor
25-Jan-18
UFPMA VISHAY-UFPMA Datasheet
270Kb / 4P
Displacement Sensor, Ultra Flat
15-Dec-17
logo
Littelfuse
55250 LITTELFUSE-55250 Datasheet
2Mb / 2P
55250 Angular Displacement Sensor
logo
Omron Electronics LLC
Z4D-C01 OMRON-Z4D-C01 Datasheet
123Kb / 4P
Micro-displacement Sensor
logo
SICK AG
OD1000 SICK-OD1000 Datasheet
5Mb / 68P
Displacement measurement sensor
logo
Vishay Siliconix
RP12 VISHAY-RP12_V01 Datasheet
131Kb / 4P
Analog Linear Displacement Sensor
15-Jun-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com