Electronic Components Datasheet Search
  English  ▼

X  

DDTAEE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTAEE
Description  PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTAEE Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTAEE Datasheet HTML 1Page - Diodes Incorporated DDTAEE Datasheet HTML 2Page - Diodes Incorporated DDTAEE Datasheet HTML 3Page - Diodes Incorporated DDTAEE Datasheet HTML 4Page - Diodes Incorporated DDTAEE Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DDTA(R1 = R2 SERIES) EE
Document number: DS30317 Rev. 9 - 2
2 of 5
www.diodes.com
May 2018
© Diodes Incorporated
DDTA (R1 = R2 SERIES) EE
Maximum Ratings (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage <Pin: (3) to (2)>
VCC
50
V
Input Voltage
<Pin: (1) to (2)>
DDTA123EE
DDTA143EE
DDTA114EE
DDTA124EE
DDTA144EE
DDTA115EE
VIN
+10 to -12
+10 to -30
+10 to -40
+10 to -40
+10 to -40
+10 to -40
V
Output Current
DDTA123EE
DDTA143EE
DDTA114EE
DDTA124EE
DDTA144EE
DDTA115EE
IO
-100
-100
-50
-30
-30
-20
mA
Output Current
IC (Max)
-100
mA
Thermal Characteristics (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5 & 6)
PD
150
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
Vl(OFF)
-0.5
-1.1
V
VCC = -5V, IO = -100µA
Vl(ON)
-1.9
-3
VO = -0.3V, IO = -20mA, DDTA123EE
VO = -0.3V, IO = -20mA, DDTA143EE
VO = -0.3V, IO = -10mA, DDTA114EE
VO = -0.3V, IO = -5mA, DDTA124EE
VO = -0.3V, IO = -2mA, DDTA144EE
VO = -0.3V, IO = -1mA, DDTA115EE
Output Voltage
VO(ON)
-0.1
-0.3
V
IO/Il = -10mA/-0.5mA
DDTA123EE
IO/Il = -10mA/-0.5mA
DDTA143EE
IO/Il = -10mA/-0.5mA
DDTA114EE
IO/Il = -10mA/-0.5mA
DDTA124EE
IO/Il = -10mA/-0.5mA
DDTA144EE
IO/Il = -5mA/-0.25mA
DDTA115EE
Input Current
DDTA123EE
DDTA143EE
DDTA114EE
DDTA124EE
DDTA144EE
DDTA115EE
Il
-3.8
-1.8
-0.88
-0.36
-0.18
-0.15
mA
VI = -5V
Output Current
IO(OFF)
-0.5
µA
VCC = -50V, VI = 0V
DC Current Gain
DDTA123EE
DDTA143EE
DDTA114EE
DDTA124EE
DDTA144EE
DDTA115EE
Gl
-20
-20
-30
-56
-68
-82
VO = -5V, IO = -20mA
VO = -5V, IO = -10mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
Input Resistor Tolerance
R1
-30
+30
%
Resistance Ratio Tolerance
R2/R1
0.8
1
1.2
%
Gain-Bandwidth Product (Note 7)
fT
250
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Notes:
5. Mounted on FR-4 PC Board with minimum recommended pad layout.
6. 150mW per element must not be exceeded.
7. Transistor only.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com