Electronic Components Datasheet Search
  English  ▼

X  

PRF18BE471RB5RB Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # PRF18BE471RB5RB
Description  PTC for Temperature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PRF18BE471RB5RB Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  PRF18BE471RB5RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PRF18BE471RB5RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PRF18BE471RB5RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
PRF18BE471RB5RB
Note: This datasheet may be out of date.
Please download the latest datasheet of PRF18BE471RB5RB from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PRF18BE471RB5RB
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated12/06/2022
Appearance & Shape
Applications
Limited Usage
Consumer Grade
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
RB
180mm Paper Tape
4000
Features
1. Sensing accuracy +/-3 deg.C which is highest of PTC
Thermistor and the same level as NTC at sensing point.
2. Same resistance-temperature characteristics as
PRF18_QB5RB series.
Easy to use higher accurate sensing type.
3. SMD type is helpful for miniaturizing circuits because of its small
size and light weight.
4. Excellent thermal response due to small size
5. Solid-state construction provides excellent mechanical vibration
and impact resistance.
6. Contactless operation provides noiseless operation.
7. Lead is not contained in the terminations.
8. UL/cULcertified product. (UL1434, File No. E137188)
1 of 3


Similar Part No. - PRF18BE471RB5RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF18BE471RB5RB MURATA-PRF18BE471RB5RB Datasheet
1Mb / 103P
PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PRF18BE471RB5RB MURATA-PRF18BE471RB5RB Datasheet
1Mb / 104P
POSISTOR for Circuit Protection
PRF18BE471RB5RB MURATA-PRF18BE471RB5RB Datasheet
220Kb / 3P
PTC Thermistors
logo
Murata Manufacturing Co...
PRF18BE471RB5RB MURATA1-PRF18BE471RB5RB Datasheet
488Kb / 3P
Temperature Sensors
01/31/2024
PRF18BE471RB5RB MURATA1-PRF18BE471RB5RB_V02 Datasheet
488Kb / 3P
Temperature Sensors
01/31/2024
More results

Similar Description - PRF18BE471RB5RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF03BB541NB7RL MURATA1-PRF03BB541NB7RL Datasheet
361Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF15BE103RB6RC MURATA1-PRF15BE103RB6RC_V01 Datasheet
442Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF15BG103RB6RC MURATA1-PRF15BG103RB6RC_V01 Datasheet
442Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18AS471QB1RB MURATA1-PRF18AS471QB1RB_V01 Datasheet
441Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BA471QS2RB MURATA1-PRF18BA471QS2RB Datasheet
466Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BB471RS2RB MURATA1-PRF18BB471RS2RB Datasheet
466Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BC471RB1RB MURATA1-PRF18BC471RB1RB Datasheet
440Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BD471QS5RB MURATA1-PRF18BD471QS5RB_V01 Datasheet
471Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BD471RS5RB MURATA1-PRF18BD471RS5RB_V01 Datasheet
471Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BE471RS5RB MURATA1-PRF18BE471RS5RB_V01 Datasheet
471Kb / 3P
PTC for Temperature Sensor
12/06/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com