Electronic Components Datasheet Search
  English  ▼

X  

APTGF90TA60P Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTGF90TA60P
Description  Triple phase leg NPT IGBT Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF90TA60P Datasheet(HTML) 5 Page - Advanced Power Technology

  APTGF90TA60P Datasheet HTML 1Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 2Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 3Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 4Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 5Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTGF90TA60P
APT website – http://www.advancedpower.com
5 - 6
VGE = 15V
15
20
25
30
35
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-On Delay Time vs Collector Current
Tj = 25°C
VCE = 400V
RG = 5Ω
VGE=15V,
TJ=25°C
VGE=15V,
TJ=125°C
50
100
150
200
250
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-Off Delay Time vs Collector Current
VCE = 400V
RG = 5Ω
VGE=15V,
TJ=125°C
0
20
40
60
80
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Current Rise Time vs Collector Current
VCE = 400V
RG = 5Ω
TJ = 25°C
TJ = 125°C
0
20
40
60
80
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Current Fall Time vs Collector Current
VCE = 400V, VGE = 15V, RG = 5Ω
TJ=25°C,
VGE=15V
TJ=125°C,
VGE=15V
0
2
4
6
8
0
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-On Energy Loss vs Collector Current
VCE = 400V
RG = 5Ω
TJ = 25°C
TJ = 125°C
0
1
2
3
4
5
6
0
255075
100
125
150
ICE, Collector to Emitter Current (A)
Turn-Off Energy Loss vs Collector Current
VCE = 400V
VGE = 15V
RG = 5Ω
Eon, 180A
Eoff, 180A
Eon, 90A
Eoff, 90A
Eon, 45A
Eoff, 45A
0
4
8
12
16
0
1020304050
Gate Resistance (Ohms)
Switching Energy Losses vs Gate Resistance
VCE = 400V
VGE = 15V
TJ= 125°C
Eon, 180A
Eoff, 180A
Eon, 90A
Eoff, 90A
Eon, 45A
Eoff, 45A
0
2
4
6
8
10
0
25
50
75
100
125
TJ, Junction Temperature (°C)
Switching Energy Losses vs Junction Temp.
VCE = 400V
VGE = 15V
RG = 5Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com