Electronic Components Datasheet Search
  English  ▼

X  

TFPT0402 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFPT0402
Description  SMD PTC - Nickel Thin Film Linear Thermistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPT0402 Datasheet(HTML) 2 Page - Vishay Siliconix

  TFPT0402 Datasheet HTML 1Page - Vishay Siliconix TFPT0402 Datasheet HTML 2Page - Vishay Siliconix TFPT0402 Datasheet HTML 3Page - Vishay Siliconix TFPT0402 Datasheet HTML 4Page - Vishay Siliconix TFPT0402 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TFPT
www.vishay.com
Vishay
Revision: 14-Jan-2020
2
Document Number: 33017
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Rated continuous working voltage is maximum working voltage or
whichever is less
DIMENSIONS in millimeters
CONSTRUCTION
Notes
(1) Environmental performance specifications use test procedures as outlined in MIL-R23648D, MIL-STD 202 and AEC-Q200
(2) TFPTs are ESD sensitive
STANDARD RESISTANCE VALUES at 25 °C in
100
180
330
560
1.0K
1.8K
3.3K
5.0K
8.2K
120
220
390
680
1.2K
2.2K
3.9K
5.6K
10.0K
150
270
470
820
1.5K
2.7K
4.7K
6.8K
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: TFPT1206L1002FM (preferred part number format)
GLOBAL MODEL
CHARACTERISTIC
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
TFPT0402
TFPT0603
TFPT0805
TFPT1206
L = linear
U = uniform linear (0402)
1002 = 10K
0050 = 5R (0402)
D = ± 0.5 %
F = ± 1 %
J = ± 5 %
V = ± 25 % (0402)
L = lead (Pb)-free, T/R (10 000 pcs) 0402
M = lead (Pb)-free, T/R (5000 pcs)
V = lead (Pb)-free, T/R (1000 pcs)
Z = tin / lead, T/R (5000 pcs)
Y = tin / lead, T/R (1000 pcs)
P
70 x R
PART NUMBER
A
B
C
D
E
TFPT 0402
1.00
± 0.05
0.50
± 0.05
0.35
± 0.07
0.20
± 0.10
0.20
± 0.10
TFPT 0603
1.55
± 0.10
0.80
± 0.10
0.45
± 0.10
0.30
± 0.20
0.30
± 0.20
TFPT 0805
2.00
± 0.15
1.25
± 0.15
0.45
± 0.10
0.40
± 0.20
0.40
± 0.20
TFPT 1206
3.05
± 0.15
1.50
± 0.15
0.55
± 0.10
0.50
± 0.25
0.50
± 0.25
A
B
D
C
E
Thermistor
Alumina substrate
Inner electrode
Nickel barrier
Solderable coating
Overcoating
TESTS AND REQUIREMENTS (except TFPT0402)
TEST
CONDITIONS (1)
REQUIREMENTS
MAX. |
R
25/R25|
High temperature exposure (storage)
AEC-Q200, 1000 h at 150 °C
0.25 %
Temperature cycling
AEC-Q200, 1000 cycles -55 °C / +125 °C
0.25 %
Biased humidity
1000 h, 1 mA biased at 85 °C / 85 % RH
0.25 %
1000 h, 1 mA biased at 40 °C / 95 % RH
0.25 %
Operational life
1000 h, P70 max biased at 85 °C
0.25 %
Mechanical shock and vibration
MIL-STD 202, method 213 - 204
0.50 %
Resistance to soldering heat
MIL-STD 202, method 210, solder bath dipping 10 s at 260°C
0.25 %
ESD (2)
AEC-Q200-002, HBM (CD) 0.5 kV (0603), 1.0 kV (0805), 1.0 kV (1206)
0.25 %
Board flex
AEC-Q200-005, 2 mm during 60 s
0.25 %
Terminal strength
AEC-Q200-006, shear test 17.7 N during 60 s
0.25 %
T
120
L
1
0
6
FP
M
F
T
02



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com