Electronic Components Datasheet Search
  English  ▼

X  

SL33 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SL33
Description  LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SL33 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SL33 Datasheet HTML 1Page - Pan Jit International Inc. SL33 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
SL32 THRU SL34
3.0
2.5
2.0
1.5
1.0
0.5
50
60
70
80
90
110 120 130 140 150
SINGLE PHASE HALF
WAVE 60Hz RESISTIVE
INDUCTIVE LOAD P.C.B
MOUNTED ON
0.55×0.55"(14×14mm
COPPER PAD AREAS
LEAD TEMPERATURE, ¢J
40
10
1
0.1
.1
.2
.3
.4
.5
.6
.7
.8
.9
TJ = 25 ¢J
PULSE WIDTH = 300us
1% DUTY CYCLE
TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1000
800
600
400
200
100
80
60
40
20
10
0.1
0.4
1
4
10
40 60 100
T
J = 25¢ J
REVERSE VOLTAGE. VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
10
1.0
0.1
.01
.001
20
40
60
80
100
120
140
TA = 75 ¢J
TA = 25 ¢J
TA = 100 ¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
100
80
60
40
20
0
1
2
5
10
20
50
100
T
J = 150
¢J
10ms SINGLE HALF
SINE-WAVE
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com