Electronic Components Datasheet Search
  English  ▼

X  

APTGT100DH170 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT100DH170
Description  Asymmetrical - Bridge Trench Field Stop IGBT Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT100DH170 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT100DH170 Datasheet HTML 1Page - Advanced Power Technology APTGT100DH170 Datasheet HTML 2Page - Advanced Power Technology APTGT100DH170 Datasheet HTML 3Page - Advanced Power Technology APTGT100DH170 Datasheet HTML 4Page - Advanced Power Technology APTGT100DH170 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT100DH170
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1700
V
TC= 25°C
150
IC
Continuous Collector Current
TC= 80°C
100
ICM
Pulsed Collector Current
TC= 25°C
200
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
560
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 125°C
200A @ 1600V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
VBUS
OUT2
CR3
0/VBUS
E4
Q4
G4
OUT1
CR2
Q1
G1
E1
G4
E4
VBUS
G1
E1
0/VBUS
OUT2
OUT1
VCES = 1700V
IC = 100A @ Tc = 80°C
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Switched Reluctance Motor Drives
Features
•
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
•
Kelvin emitter for easy drive
•
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
•
High level of integration
Benefits
•
Stable temperature behavior
•
Very rugged
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Easy paralleling due to positive TC of VCEsat
•
Low profile
Asymmetrical - Bridge
Trench + Field Stop IGBT®
Power Module


Similar Part No. - APTGT100DH170

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT100DH170G MICROSEMI-APTGT100DH170G Datasheet
254Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT100DH170

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT50DH170T ADPOW-APTGT50DH170T Datasheet
281Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50DH60TG MICROSEMI-APTGT50DH60TG Datasheet
258Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT50DH170TG MICROSEMI-APTGT50DH170TG Datasheet
260Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT75DH60TG MICROSEMI-APTGT75DH60TG Datasheet
258Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT100DH60TG MICROSEMI-APTGT100DH60TG Datasheet
259Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT100DH170G MICROSEMI-APTGT100DH170G Datasheet
254Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT150DH60TG MICROSEMI-APTGT150DH60TG Datasheet
259Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT150DH170G MICROSEMI-APTGT150DH170G Datasheet
251Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT50DH60T1G MICROSEMI-APTGT50DH60T1G Datasheet
212Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT75DH60T3G MICROSEMI-APTGT75DH60T3G Datasheet
204Kb / 5P
Asymmetrical - Bridge Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com