Electronic Components Datasheet Search
  English  ▼

X  

GSX752 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX752
Description  SM Crystal Ceramic Lid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX752 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX752 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal - Ceramic Lid
GSX-752
10 Jul 2003
ACTUAL SIZE
7.15
(max)
5.15
(max)
1.60
(max)
2.00
4.50
SOLDER PAD LAYOUT
3.00
2.25 3.50 2.25
TOP VIEW
GSX-752A
1.40
1.14
1.40
1.60 4.20 1.60
TOP VIEW
7.15
(max)
5.15
(max)
1.60
(max)
2.54
4.60
SOLDER PAD LAYOUT
GSX-752B
12
43
1
4
2
3
Features
« Ceramic body & lid
« Glass seal for best price / performance
« Ultra-miniature for maximum space saving
« Low cost for volume applications
Product name + variant + option codes + frequency
eg:
GSX-752A/551EF 16.0MHz 50/50/10/18-F
GSX-752B/5C4S3 48.0MHz 50/100/40/S-3
Option code X (eg GSX-752B/X) denotes a custom specification.
Ordering Information
Scale 2:1
±30ppm temperature stability may not be available over -40+85°C.
Check with our sales office before ordering.
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Variant
AB
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
GSX-752A: 2 pads
GSX-752B: 4 corner pads
Package:
GSX-752A
GSX-752B
Frequency range: 6.0 ~ 60.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Other values (±20ppm ~ ±100ppm)
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
Other values (±20ppm ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental (6.0 ~ 40.0MHz)
F
3rd overtone (30.0 ~ 60.0MHz)
3
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
80
(6.0 ~ <10.0MHz)
60
(10.0 ~ <16.0MHz)
50
(16.0 ~ 40.0MHz, fundamental)
80
(30.0 ~ 60.0MHz, 3rd OT)
Ageing:
±3ppm max first year
Test drive level:
100µW
Soldering condition:
235°C, 10 sec max


Similar Part No. - GSX752

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX751 GOLLEDGE-GSX751 Datasheet
58Kb / 1P
SM Crystal Metal Lid
More results

Similar Description - GSX752

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX331 GOLLEDGE-GSX331 Datasheet
55Kb / 1P
SM Crystal Metal Lid
GSX431 GOLLEDGE-GSX431 Datasheet
56Kb / 1P
SM Crystal Mtal Lid
GSX531 GOLLEDGE-GSX531 Datasheet
61Kb / 1P
SM Crystal Metal Lid
GSX532 GOLLEDGE-GSX532 Datasheet
57Kb / 1P
SM Crystal Ceramic Lid
GSX641 GOLLEDGE-GSX641 Datasheet
56Kb / 1P
SM Crystal Metal Lid
GSX642 GOLLEDGE-GSX642 Datasheet
47Kb / 1P
SM Crystal ceramic Lid
GSX751 GOLLEDGE-GSX751 Datasheet
58Kb / 1P
SM Crystal Metal Lid
GSX852 GOLLEDGE-GSX852 Datasheet
56Kb / 1P
SM Crystal Ceramic Lid
GSX-751 GOLLEDGE-GSX-751_08 Datasheet
52Kb / 1P
SM Crystal - Metal Lid
GSX-531 GOLLEDGE-GSX-531_15 Datasheet
172Kb / 2P
SM Crystal - Metal Lid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com