Electronic Components Datasheet Search
  English  ▼

X  

TSP320A Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # TSP320A
Description  AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP320A Datasheet(HTML) 4 Page - Pan Jit International Inc.

  TSP320A Datasheet HTML 1Page - Pan Jit International Inc. TSP320A Datasheet HTML 2Page - Pan Jit International Inc. TSP320A Datasheet HTML 3Page - Pan Jit International Inc. TSP320A Datasheet HTML 4Page - Pan Jit International Inc. TSP320A Datasheet HTML 5Page - Pan Jit International Inc. TSP320A Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
DATE : SEP.02.2002
SELECTION GUIDE
Follow these steps to select the proper Thyristor surge protector for your application:
1. Define the operating parameters for the circuit:
• Ambient operating temperature range
• Maximum telephone line operating current (highest battery and shortest copper loop)
• Maximum operating voltage: (Maximum DC bias + peak ringing voltage)
• Maximum surge current
• System voltage damage threshold
• Select device with an off-state voltage rating (VDRM) above the maximum operating voltage at the minimum operating temperature.
3. Select surge current ratings (IPPS and ITSM) ³ those which the application must withstand.
4. Verify that the minimum holding current of the device at the maximum ambient temperature is above the maximum dc current of the
system.
5. Verify that the maximum breakover voltage of the device is below the system damage threshold.
6. Verify that the circuit's ambient operating temperatures are within the device's operating temperature range.
7. Verify that the device's dimensions fit the application's space considerations.
8. Independently evaluate and test the suitability and performance of the device in the application
g
n
i
t
a
R
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
e
v
i
t
i
t
e
p
e
R
-
n
o
N
k
a
e
P
e
v
i
t
i
t
e
p
e
R
-
n
o
N
t
n
e
r
r
u
C
e
g
r
u
S
e
t
a
t
S
-
n
O
l
o
b
m
y
S
I PPS
I TSM
e
v
a
W
t
n
e
r
r
u
C
t
i
u
c
r
i
C
-
t
r
o
h
S0
1
/
2
µs0
2
/
8
µs0
6
1
/
0
1
µs0
1
3
/
5
µs0
6
5
/
0
1
µs0
0
0
1
/
0
1
µs
A
0
2
e
v
a
W
e
g
a
t
l
o
V
t
i
u
c
r
i
C
-
n
e
p
O
0
1
/
2
µs
0
5
/
2
.
1
µs
0
6
1
/
0
1
µs
0
0
7
/
0
1
µs
0
6
5
/
0
1
µs
0
0
0
1
/
0
1
µs
e
u
l
a
V
A
5
7
1A
0
5
1A
0
0
1A
5
8A
0
7A
0
5
s
e
t
o
N
)
6
,
5
,
4
,
2
,
1
(
)
4
,
3
,
2
,
1
(
MAXIMUM SURGE RATINGS (TJ = 25 °C UNLESS OTHERWISE NOTED)
Notes:
1. Thermal accumulation between successive surge tests is
not allowed.
2. The device under test initially must be in thermal
equilibrium with TJ = 25 °C.
3. Test at 1 cycle, 60 Hz.
4. Surge ratings are non-repetitive because instantaneous
junction temperatures may exceed the maximum rated TJ.
Nevertheless, devices will survive many surge applications
without degradation. Surge capability will not degrade over
a device's typical operating life.
5. Adjust the surge generator for optimum current-wave
accuracy
when
both
voltage
and
current
wave
specifications cannot be exactly met. The current wave is
more important than the voltage wave for accurate surge
evaluation.
6. The waveform is defined as A/B ms where:
A: (Virtual front time) = 1.25 X Rise time = 1.25 X (Tb - Ta)
B (Duration time to 50% level of Ipps) = T1 - T0
0%
20%
40%
60%
80%
100%
Time
% Ipps
Tb
Ta
T1
To



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com