Electronic Components Datasheet Search
  English  ▼

X  

TH1 Datasheet(PDF) 2 Page - Littelfuse

Part # TH1
Description  Time Delay Relays / Dedicated - Delay-on-Make
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TH1 Datasheet(HTML) 2 Page - Littelfuse

  TH1 Datasheet HTML 1Page - Littelfuse TH1 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Delay-on-Make
www.littelfuse.com/th1
Rev: 1-A-062216
Selection Guide
Function Diagram
DELAY-ON-MAKE (ON-DELAY)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
R = Reset
= Undefined
Time
Specifications
Time Delay
Range
0.1 - 600s in 4 adjustable ranges or fixed
Repeat Accuracy
±2% or 20ms, whichever is greater
Tolerance
(Factory Calibration)
≤ ± 5%
Time Delay vs Temp.
& Voltage
≤ ±10%
Recycle Time
≤ 150ms
Input
Voltage
24, 120, or 230VAC
Tolerance
±15%
AC Line Frequency
50/60 Hz
Power Consumption
≤ 2VA
Output
Type
Solid state
Form
NO, open during timing
Maximum Load Currents
Output
Steady State
Inrush**
A
6A
60A
B
10A
100A
C
20A
200A
Minimum Load Current
100mA
Voltage Drop
≅ 2.5V at rated current
OFF State Leakage Current
≅ 5mA @ 230VAC
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Mechanical
Mounting **
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2.0”); W 50.8 mm (2.0”);
D 38.4 mm (1.51”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Environmental
Operating/Storage
Temperature
-20° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 3.9 oz (111 g)
**Must be bolted to a metal surface using the included heat sink compound. The maximum
mounting surface temperature is 90°C. Inrush: Non-repetitive for 16ms.
TH1 SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com