Electronic Components Datasheet Search
  English  ▼

X  

THD2 Datasheet(PDF) 1 Page - Littelfuse

Part # THD2
Description  Time Delay Relays / Dedicated - Interval
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

THD2 Datasheet(HTML) 1 Page - Littelfuse

  THD2 Datasheet HTML 1Page - Littelfuse THD2 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Interval
www.littelfuse.com/thd2
Rev: 1-A-061016
THD2 SERIES
Description
The THD2 Series combines accurate timing circuitry with high
power solid-state switching. It can switch motors, lamps,
and heaters directly without a contactor. You can reduce labor,
component cost, and increase reliability with these small,
easy-to-use, Digi-Power timers.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output energizes during the time delay. At the end of the time
delay, the output de-energizes and remains de-energized until
input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.
Features & Benefits
FEATURES
BENEFITS
Microcontroller based
Repeat Accuracy + / - 0.5%,
Factory calibration + / - 1%
High load currents up
to 20A, 200A inrush
Allows direct control of motors, lamps and heaters
without a contactor
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Metalized
mounting surface
Facilitates heat transfer in high current applications
Compact, low
cost design
Allows flexibility for OEM applications and reduces
labor and components costs
Accessories
P1004-95, P1004-95-X Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-13 (AWG 10/12), P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
Wiring Diagram
L1
N/L2
V = Voltage
L = Load
S1 = Optional Low Current
Initiate Switch
RT is used when external
adjustment is ordered.
Ordering Information
MODEL
OUTPUT
RATING
INPUT
VOLTAGE
ADJUSTMENT TIME DELAY
THD2C420
20A
120VAC
External
0.1 - 10s
THD2C423
20A
120VAC
External
0.1 - 10m
THD2C433
20A
120VAC
Onboard
0.1 - 10m
THD2C620
20A
230VAC
External
0.1 - 10s
THD2C633
20A
230VAC
Onboard
0.1 - 10m
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - THD2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THD200FI STMICROELECTRONICS-THD200FI Datasheet
81Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Dec-1999
logo
Delta Electronics, Inc.
THD2048HT DELTA-THD2048HT Datasheet
708Kb / 12P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
STMicroelectronics
THD215 STMICROELECTRONICS-THD215 Datasheet
65Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Dec-1999
THD215HI STMICROELECTRONICS-THD215HI Datasheet
65Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Dec-1999
THD218 STMICROELECTRONICS-THD218 Datasheet
67Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Dec-1999
More results

Similar Description - THD2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com