Electronic Components Datasheet Search
  English  ▼

X  

THDB Datasheet(PDF) 1 Page - Littelfuse

Part # THDB
Description  Time Delay Relays / Dedicated - Delay-on-Break
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

THDB Datasheet(HTML) 1 Page - Littelfuse

  THDB Datasheet HTML 1Page - Littelfuse THDB Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Delay-on-Break
Rev: 1-A-062216
www.littelfuse.com/thdb
THDB SERIES
Description
The THDB Series combines accurate timing circuitry with high
power, solid-state switching. It can switch motors, lamps, and
heaters directly without a contactor. You can reduce labor,
component cost, and increase reliability with these small,
easy-to-use, timers.
Operation (Delay-on-Break)
Input voltage must be applied before and during timing. Upon
closure of the initiate switch, the output energizes. The time
delay begins when the initiate switch is opened. The output
remains energized during timing. At the end of the time delay,
the output de-energizes. The output energizes if the initiate
switch is closed when input voltage is applied.
Reset: Reclosing the initiate switch during timing resets the time
delay. Loss of input voltage resets the time delay and output.
Features & Benefits
FEATURES
BENEFITS
Microcontroller based
Repeat accuracy + / - 0.5%,
Factory calibration + / - 1%
High load currents up
to 20A, 200A inrush
Allows direct operation of motors, lamps and
heaters without a contactor
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Metalized
mounting surface
Facilitates heat transfer in high current applications
Compact, low
cost design
Allows flexibility for OEM applications and reduces
labor and components costs
Accessories
P1004-95, P1004-95-X Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
Wiring Diagram
Ordering Information
MODEL
INPUT
VOLTAGE
ADJUSTMENT
TIME DELAY
OUTPUT
RATING
THDB421A
120VAC
External
1 - 100s
6A
THDB434C
120VAC
Onboard
1 - 100m
20A
If you don’t find the part you need, call us for a custom product 800-843-8848
L1
N/L2
V = Voltage
UTL = Optional Untimed
Load
L =Timed Load
S1 = Initiate Switch
RT is used when external
adjustment is ordered.


Similar Part No. - THDB

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THD-10 TRACOPOWER-THD-10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
logo
Delta Electronics, Inc.
THD0948HE-AXHH DELTA-THD0948HE-AXHH Datasheet
742Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
TRACO Electronic AG
THD10 TRACOPOWER-THD10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210 TRACOPOWER-THD10-1210 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210N TRACOPOWER-THD10-1210N Datasheet
906Kb / 4P
DC/DC Converter THD 10N Series, 10 Watt
Rev. February 13, 2023
More results

Similar Description - THDB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com