Electronic Components Datasheet Search
  English  ▼

X  

TSB Datasheet(PDF) 2 Page - Littelfuse

Part # TSB
Description  Time Delay Relays / TSB SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TSB Datasheet(HTML) 2 Page - Littelfuse

  TSB Datasheet HTML 1Page - Littelfuse TSB Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Littelfuse.com/tsb
© 2019 Littelfuse, Inc.
Rev: 121119
2 of 2
Time Delay Relays
TSB SERIES
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for
their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
Accessories
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals
are constructed with an insulator barrel to
provide strain relief.
P1015-18 Quick Connect to Screw
Adapter
Screw adapter terminal designed for use
with all modules with 0.25 in. (6.35 mm)
male quick connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm
DIN type rail with two #10 screws.
Selection Guide
Function Diagram
DELAY-ON-BREAK (OFF-DELAY)
V = Voltage
S1 = Initiate Switch
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
t = Incomplete
Time Delay
R = Reset
= Undefined
Time
Specifications
Time Delay
Range
0.05s
–600s in 4 adjustable ranges or fixed
Repeat Accuracy
±2 % or 20 ms, whichever is greater
Tolerance
(Factory Calibration)
≤ ±5 %
Time Delay vs Temp.
& Voltage
≤ ±10 %
Reset Time
≤ 150 ms
Input
Voltage
24, 120, or 230 V ac
Tolerance
±20 %
AC Line Frequency
50/60 Hz
Power Consumption
≤ 2VA
Output
Type
Solid state
Form
NO, closed before & during timing
Maximum Load Current
1 A steady state, 10 A inrush at 60 °C
Off State Leakage Current
≅ 5 mA @ 230 V ac
Voltage Drop
≅ 2.5V @ 1 A
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting
surface
Insulation Resistance
≥ 100 MΩ
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8)
screw
Dimensions
H 50.8 mm (2.0”); W 50.8 mm (2.0”);
D 30.7 mm (1.21”)
Termination
0.25 in. (6.35 mm) male quick connect
terminals
Environmental
Operating/Storage
Temperature
-40 °C to 75 °C / -40 °C to 85 °C
Humidity
95 % relative, non-condensing
Weight
≅ 2.4 oz (68 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com