Electronic Components Datasheet Search
  English  ▼

X  

DLPT05WA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DLPT05WA
Description  SURFACE MOUNT DATALINE PROTECTION DEVICE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLPT05WA Datasheet(HTML) 2 Page - Diodes Incorporated

  DLPT05WA Datasheet HTML 1Page - Diodes Incorporated DLPT05WA Datasheet HTML 2Page - Diodes Incorporated DLPT05WA Datasheet HTML 3Page - Diodes Incorporated DLPT05WA Datasheet HTML 4Page - Diodes Incorporated DLPT05WA Datasheet HTML 5Page - Diodes Incorporated DLPT05WA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DLPT05WA
Document number: DS43718 Rev. 1 - 2
2 of 6
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DLPT05WA
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8×20µs, per Figure 2 )
PPK
300
W
Peak Forward Voltage (IPP = 1A, tp = 8×20µs, per Figure 2)
VFP
2.1
V
Diode Peak Repetitive Reverse Voltage
VRRM
75
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Ambient (Note 5)
RϴJA
625
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @ VRWM
(Note 6)
Max. Clamping
Voltage @ IPP = 1A
(Notes 7 & 8)
Typical Peak
Pulse Current
(Notes 7 & 8)
Typical Total
Capacitance
(Note 9)
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (µA)
VC (V)
IPP (A)
(pF)
5
6.0
—
1.0
20
9.8
17
1.9
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes
Incorporated’s suggested pad layout, which can be found on our website at
http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.
7. Clamping voltage value is based on an 8×20µs peak pulse current (IPP) waveform.
8. Measured from line to be protected to ground pin.
9. VR = 0V, f = 1MHz from line to be protected to ground pin.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com