Electronic Components Datasheet Search
  English  ▼

X  

10AM20 Datasheet(PDF) 1 Page - GHz Technology

Part # 10AM20
Description  20 Watts, 20 Volts, Class A Linear to 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

10AM20 Datasheet(HTML) 1 Page - GHz Technology

  10AM20 Datasheet HTML 1Page - GHz Technology 10AM20 Datasheet HTML 2Page - GHz Technology 10AM20 Datasheet HTML 3Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
10AM20
20 Watts, 20 Volts, Class A
Linear to 1000 MHz
GENERAL DESCRIPTION
The 10AM20 is a COMMON EMITTER transistor capable of providing 20
Watts of Class A, RF output power to 1000 MHz. This transistor is
specifically designed for general Class A amplifier applications. It utilizes
gold metalization and diffused ballasting to provide high reliability and
supreme ruggedness. The transistor uses a fully hermetic High Temperature
Solder Sealed package.
CASE OUTLINE
55AT, STYLE 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
63 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
50 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
5.5 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
SEE NOTE BELOW
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
Ft
VSWR
Power Out
Power Input
Power Gain
Transition Frequency
Load Mismatch Tolerance
F = 1.0 GHz
Ic = 2.8 A
Vcc = 20 Volts
Vce = 22 V, Ic = 2.8 A
20
6.5
24
3.0
7.0
4.5
3:1
Watts
Watts
dB
GHz
BVebo
BVces
BVceo
H
FE
Cob
θjc
Emitter to Base Breakdown
Collector to Emitter Breakdown
Collector to Emitter Breakdown
DC Current Gain
Output Capacitance
Thermal Resistance
Ie = 15 mA
Ic = 180 mA
Ic = 180 mA
Vce = 5 V, Ic = 1.0 A
Vcb = 28V, f =1.0 MHz
3.5
50
24
20
40
1.2
1.5
Volts
Volts
Volts
pF
C/W
o
Case Outline Note: During 1995 Ghz will be converting the 55AT style flange to the version using a slot in the
mounting area, refer to 55AW.
Issue February 1996


Similar Part No. - 10AM20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10AM20 NXP-10AM20 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
10AM20 NJSEMI-10AM20 Datasheet
126Kb / 1P
20 Watts, 20 Volts, Class A Linear to 1000 MHz
More results

Similar Description - 10AM20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23A008 ETC1-23A008 Datasheet
42Kb / 2P
0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
10A030 ETC1-10A030 Datasheet
56Kb / 2P
3 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
GHz Technology
10A015 GHZTECH-10A015 Datasheet
292Kb / 3P
1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
10A060 GHZTECH-10A060 Datasheet
58Kb / 2P
6 Watts, 20 Volts, Class A Linear to 1000 MHz
10AM05 GHZTECH-10AM05 Datasheet
139Kb / 3P
5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
23A005 GHZTECH-23A005 Datasheet
110Kb / 3P
0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
23A017 GHZTECH-23A017 Datasheet
33Kb / 2P
1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
23A025 GHZTECH-23A025 Datasheet
32Kb / 2P
2.5 Watts, 20 Volts, Class A Linear to 2300 MHz
10AM11 GHZTECH-10AM11 Datasheet
154Kb / 3P
11 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
New Jersey Semi-Conduct...
10AM20 NJSEMI-10AM20 Datasheet
126Kb / 1P
20 Watts, 20 Volts, Class A Linear to 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com