Electronic Components Datasheet Search
  English  ▼

X  

2001 Datasheet(PDF) 1 Page - GHz Technology

Part # 2001
Description  1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

2001 Datasheet(HTML) 1 Page - GHz Technology

  2001 Datasheet HTML 1Page - GHz Technology 2001 Datasheet HTML 2Page - GHz Technology 2001 Datasheet HTML 3Page - GHz Technology 2001 Datasheet HTML 4Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
2001
1.0 Watt - 28 Volts, Class C
Microwave 2000 MHz
GENERAL DESCRIPTION
The 2001 is a COMMON BASE transistor capable of providing 1 Watts Class
C, RF output power at 2000 MHz. Gold Metalization and diffused ballasting
are used to provide high reliability and supreme ruggedness. The transistor
uses a fully hermetic High Temperature Solder Sealed package.
CASE OUTLINE
55BT-1, Style 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
5.0 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
50 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
0.25 A
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
η
c
VSWR
1
Power Out
Power Input
Power Gain
Collector Efficiency
Load Mismatch Tolerance
F = 2 GHz
Vcb = 28 Volts
Po = 1.0 Watts
As Above
F = 2 GHz, Po = 1.0 W
1.0
9.0
9.5
40
0.125
30:1
Watt
Watt
dB
%
BVces
BVcbo
BVebo
Icbo
h
FE
Cob
θjc
Collector to Emitter Breakdown
Collector to Base Breakdown
Emitter to Base Breakdown
Collector to Base Current
Current Gain
Output Capacitance
Thermal Resistance
Ic = 10 mA
Ic = 1 mA
Ie = 1.0 mA
Vcb = 28 Volts
Vce = 5 V, Ic = 100 mA
F =1 MHz, Vcb = 28 V
50
45
3.5
20
4.0
500
35
Volts
Volts
Volts
µA
pF
C /W
Issue August 1996


Similar Part No. - 2001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2001 SCHURTER-2001 Datasheet
383Kb / 2P
US Power Supply Cord with IEC Connector C13, V-Lock, straight
logo
TEKTRONIX, INC.
2001 TEKTRONIX-2001 Datasheet
402Kb / 6P
7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
Heyco.
2001 HEYCO-2001 Datasheet
133Kb / 1P
Snap Bushings
logo
Adafruit Industries
2001 ADAFRUIT-2001 Datasheet
122Kb / 1P
Silicone Cover Stranded-Core Wire - 2m 30AWG Red
logo
Dwyer Instruments,
2001 DWYER-2001 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
More results

Similar Description - 2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1014-12 ETC1-1014-12 Datasheet
96Kb / 2P
12 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz
logo
GHz Technology
1618-35 GHZTECH-1618-35 Datasheet
292Kb / 3P
35 Watt - 28 Volts, Class C Microwave 1600 - 1800 MHz
1719-20 GHZTECH-1719-20 Datasheet
183Kb / 2P
20 Watt - 28 Volts, Class C Microwave 1700 - 1900 MHz
1719-35 GHZTECH-1719-35 Datasheet
229Kb / 2P
35 Watt - 28 Volts, Class C Microwave 1725 - 1850 MHz
1819-35 GHZTECH-1819-35 Datasheet
206Kb / 2P
35 Watt - 28 Volts, Class C Microwave 1750 - 1850 MHz
2005 GHZTECH-2005 Datasheet
166Kb / 3P
5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2010 GHZTECH-2010 Datasheet
277Kb / 3P
10 Watt - 28 Volts, Class C Microwave 2000 MHz
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
3001 GHZTECH-3001 Datasheet
213Kb / 4P
1 Watt - 28 Volts, Class C Microwave 3000 MHz
logo
Microsemi Corporation
1014-2 MICROSEMI-1014-2 Datasheet
37Kb / 1P
2 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com