Electronic Components Datasheet Search
  English  ▼

X  

1934 Datasheet(PDF) 1 Page - Alpha Wire

Part # 1934
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1934 Datasheet(HTML) 1 Page - Alpha Wire

  1934 Datasheet HTML 1Page - Alpha Wire 1934 Datasheet HTML 2Page - Alpha Wire 1934 Datasheet HTML 3Page - Alpha Wire 1934 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 1934
Construction
Applicable Specifications
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
2 X 1 COND
a) Conductor
18 (16/30) AWG BC
0.047
b) Insulation
0.031" Wall, Nom. Neoprene
0.112
(1) Separator
Paper Tape, 10% Overlap, Min.
(2) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
WHITE
2) Cable Assembly
2 Components Cabled
a) Twists:
6.0 Twists/foot (min)
3) Jacket
0.065" Wall, Nom.,Chlorinated
Polyethylene (CPE)
0.360+/- 0.018
a) Color(s)
BLACK
b) Jacket Separator
Tissue Tape, 25% Overlap, Min.
c) Print
ALPHA WIRE-* P/N 1934 2C 18 AWG (0.811mm2)
(UL) C(UL) TYPE SOOW 90C 600V -40C FT2
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]
1) UL
SOOW
90°C Dry / 60°C Wet / 600 VRMS
2) CSA International
C(UL) SOOW
90°C Dry / 60°C Wet / 600 VRMS
C(UL) FT2
3) CE:
EU Low Voltage Directive 2014/35/EC


Similar Part No. - 1934

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1934 ETC2-1934 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Keystone Electronics Co...
1934 KEYSTONE-1934 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Alpha Wire
1934/3 ALPHAWIRE-1934/3 Datasheet
98Kb / 4P
Customer Specification
12/12/2022
1934/4 ALPHAWIRE-1934/4 Datasheet
98Kb / 4P
Customer SpecificationS
12/12/2022
logo
HARTING Technology Grou...
19340030270 HARTING-19340030270 Datasheet
488Kb / 2P
Han 3HvE-asg2-QB-M20 housing
More results

Similar Description - 1934

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com