Electronic Components Datasheet Search
  English  ▼

X  

8100545 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8100545
Description  Twin cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8100545 Datasheet(HTML) 1 Page - Festo Corporation.

  8100545 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Twin cylinder
DGTZ-GF-6-40-P-A
Part number: 8100545
Data sheet
Feature
Value
Stroke
40 mm
Adjustable end position range/length
10 mm
Piston diameter
6 mm
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Sliding guide
Structural design
Guide
Position sensing
For proximity sensor
Symbol
00991249
Operating pressure
0.2 MPa ... 0.8 MPa
Operating pressure
2 bar ... 8 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
Ambient temperature
-10 °C ... 80 °C
Impact energy in the end positions
0.01 J
Max. payload as a function of the stroke at defined distance xs
0.8 N
Theoretical force at 6 bar, retracting
18.6 N
Theoretical force at 6 bar, advancing
34 N
Moving mass
23 g
Product weight
131 g
Pneumatic connection
M5
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy
Seals material
NBR
Housing material
Wrought aluminum alloy, anodized
Piston rod material
High-alloy stainless steel
12/11/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8100545

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8100542 FESTO-8100542 Datasheet
96Kb / 1P
Twin cylinder
12/11/22
8100543 FESTO-8100543 Datasheet
94Kb / 1P
Twin cylinder
12/11/22
8100544 FESTO-8100544 Datasheet
94Kb / 1P
Twin cylinder
12/11/22
8100546 FESTO-8100546 Datasheet
92Kb / 1P
Twin cylinder
12/11/22
More results

Similar Description - 8100545

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8100542 FESTO-8100542 Datasheet
96Kb / 1P
Twin cylinder
12/11/22
8100554 FESTO-8100554 Datasheet
94Kb / 1P
Twin cylinder
12/11/22
8100555 FESTO-8100555 Datasheet
94Kb / 1P
Twin cylinder
12/11/22
8100578 FESTO-8100578 Datasheet
89Kb / 1P
Twin cylinder
12/11/22
8100609 FESTO-8100609 Datasheet
93Kb / 1P
Twin cylinder
12/11/22
8100613 FESTO-8100613 Datasheet
90Kb / 1P
Twin cylinder
12/11/22
8100616 FESTO-8100616 Datasheet
89Kb / 1P
Twin cylinder
12/11/22
8100638 FESTO-8100638 Datasheet
96Kb / 1P
Twin cylinder
12/11/22
8103498 FESTO-8103498 Datasheet
85Kb / 1P
Twin cylinder
12/11/22
8103500 FESTO-8103500 Datasheet
83Kb / 1P
Twin cylinder
12/11/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com