Electronic Components Datasheet Search
  English  ▼

X  

HM5117400B Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HM5117400B
Description  4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5117400B Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HM5117400B Datasheet HTML 5Page - Hitachi Semiconductor HM5117400B Datasheet HTML 6Page - Hitachi Semiconductor HM5117400B Datasheet HTML 7Page - Hitachi Semiconductor HM5117400B Datasheet HTML 8Page - Hitachi Semiconductor HM5117400B Datasheet HTML 9Page - Hitachi Semiconductor HM5117400B Datasheet HTML 10Page - Hitachi Semiconductor HM5117400B Datasheet HTML 11Page - Hitachi Semiconductor HM5117400B Datasheet HTML 12Page - Hitachi Semiconductor HM5117400B Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
HM5117400B Series
9
Read-Modify-Write Cycle
HM5117400B
-6
-7
-8
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Notes
Read-modify-write cycle timet
RWC
155
—
181
—
205
—
ns
to
delay timet
RWD
85
—
98
—
110
—
ns
14
to
delay timet
CWD
40
—
46
—
50
—
ns
14
Column address to
delay timet
AWD
55
—
63
—
70
—
ns
14
hold time from
t
OEH
15
—
18
—
20
—
ns
Refresh Cycle
HM5117400B
-6
-7
-8
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Notes
setup time (CBR refresh cycle)t
CSR
5
—
5
—
5
—
ns
hold time (CBR refresh cycle)t
CHR
10
—
10
—
10
—
ns
setup time (CBR refresh cycle)t
WRP
0
—
0
—
0
—
ns
hold time (CBR refresh cycle)t
WRH
10
—
10
—
10
—
ns
precharge to
hold timet
RPC
0
—
0
—
0
—
ns
Fast Page Mode Cycle
HM5117400B
-6
-7
-8
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Notes
Fast page mode cycle timet
PC
40
—
45
—
50
—
ns
Fast page mode
pulse widtht
RASP
—
100000
—
100000
—
100000 ns
16
Access time from
precharget
CPA
—
35
—
40
—
45
ns
9, 17, 20
hold time from
precharget
CPRH
35
—
40
—
45
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com