Electronic Components Datasheet Search
  English  ▼

X  

PCM-9366 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-9366
Description  Intel® Pentium N4200, Celeron N3350 & Atom™ E3950, 3.5" MI/O SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9366 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-9366 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9366 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Single Board Computers
Features
PCM-9366
Intel® Pentium N4200, Celeron N3350 &
Atom™ E3950, 3.5" MI/O SBC
ƒ
Intel® Pentium N4200, Celeron N3350 & Atom™ E3950
ƒ
1 x DDR3L-1866/1600 SODIMM, up to 8GB
ƒ
DirectX11, OpenGL3.2, OpenCL1.2, multi-display: VGA+LVDS/eDP+ HDMI/
DP*
ƒ
Support 9-36V wide range power input
ƒ
2 GbE, rich I/O: 4COM, SATA, USB3.0, SMBus/I2C, 2 8bit GPIO, 2 CANBUS,
M.2 key E, full-size mSATA
ƒ
Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU
Intel Pentium 4200
Intel Celeron N3350
Intel Atom E3950
Base Frequency
1.1 (Quad-Core)
1.1 (Dual-Core)
1.6 (Quad-Core)
Max Turbo Frequency
2.5 GHz
2 GHz
1.8 GHz
L2 Cache
2MB
2MB
2MB
BIOS
AMI UEFI BIOS at 64 Mb
Memory
Technology
DDR3L 1867 MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SODIMM
Display
Controller
Intel Gen9 graphic engine
Processor Graphics
DirectX11, OpenGL3.2, OpenCL1.2
Full HW acceleration, decode: H.264, MPEG2/4, VC-1, WMV9. Encode: H.264, MPEG2
VGA
2560 x 1600 at 60Hz
LVDS
48-bit dual LVDS up to WUXGA 1920 x 1200 at 60Hz
Supports 3.3/5/12V for VDD power, 1A@5V/12V for inverter
HDMI
HDMI 1.4a for HD video playback, 1080P at 60Hz
Mulit-Display
VGA + HDMI+ LVDS/eDP*
Ethernet
Speed
10/100/1000Mbps
Controller
Intel i210
Connector
2 RJ45
Audio
Codec
Realtek ALC888S, High Definition Audio (HD), Line-in, Line out, Mic-in
WatchDog Timer
Output System reset, Programmable counter from 1 ~ 255 minutes/ seconds
Storage
SATA
1, up to 6Gb/s (600MB/s)
mSATA
1 x Full-size
Rear I/O
Ethernet
2 (10/100/1000Mbps)
VGA
1
HDMI
1
USB 3.0
2
Internal I/O
Serial
RS232 x 2 (COM1/COM2), RS232/422/485 x 2 (COM3/COM4) with auto flow control (ESD protection: air gap ±15kV,
contact ±8kV)
USB2.0
4
I2C
1 (Shared with SMBus pin)
SMBus
1
GPIO
2 x 8-bit
Expansion
Mini PCIe
1 x Full size*
M.2
1 x M.2 Key E
Power
Power Type
9-36V DC power input
Power Consumption (Typical)
TBD
Power Consumption (Max, test in HCT)
TBD
Power Management
ACPI
Battery
Lithium 3 V / 210 mAH
Environment
Operational
0 ~ 60° C with 0.7m/s air flow (32 ~ 140° F) (Operational humidity: 40° C @ 95% RH Non-Condensing)
Non-Operational
-40° C ~ 85° C and 60° C @ 95% RH Non-Condensing
Physical Characteristics
Dimensions (L x W)
146 x 102 mm (5.7" x 4"), same as 3.5"
Weight
0.54kg (1.19lb), weight of total package
Height
Top Side: 19.5 mm; Bottom Side: 7.8 mm; PCB: 1.6 mm
* The specification is supported by request
Software APIs:
Utilities:
NEW
Power input
SATA Power
SATA
USB2.0
USB3.0
HDMI
GbE1 & GbE2
VGA
LVDS
DDR3L
SODIMM
LED
SMBUS
GPIO
All product specifications are subject to change without notice.
Last updated: 18-Mar-2021


Similar Part No. - PCM-9366

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9361 ADVANTECH-PCM-9361 Datasheet
1Mb / 3P
3.5" Biscuit with Intel짰 Atom N270/VGA, LVDS, TTL, LAN, USB, SATA, SSD
PCM-9361EG-S6A1E ADVANTECH-PCM-9361EG-S6A1E Datasheet
1Mb / 3P
3.5" Biscuit with Intel짰 Atom N270/VGA, LVDS, TTL, LAN, USB, SATA, SSD
PCM-9361EG-S6A1E ADVANTECH-PCM-9361EG-S6A1E Datasheet
1Mb / 2P
Intel짰 Atom??N270 3.5" SBC, Dual LVDS, TTL, VGA, GbE, USB, SATA, PCI-104
PCM-9361EVG-S6A1E ADVANTECH-PCM-9361EVG-S6A1E Datasheet
1Mb / 3P
3.5" Biscuit with Intel짰 Atom N270/VGA, LVDS, TTL, LAN, USB, SATA, SSD
PCM-9361EVG-S6A1E ADVANTECH-PCM-9361EVG-S6A1E Datasheet
1Mb / 2P
Intel짰 Atom??N270 3.5" SBC, Dual LVDS, TTL, VGA, GbE, USB, SATA, PCI-104
More results

Similar Description - PCM-9366

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2360 ADVANTECH-MIO-2360 Datasheet
929Kb / 2P
Intel Pentium N4200/Celeron N3350/
MIO-5350 ADVANTECH-MIO-5350 Datasheet
872Kb / 2P
Intel짰 Pentium N4200 Celeron N3350 & Atom??E3950/E3940/E3930, 3.5
24-Oct-2017
MIO-3360 ADVANTECH-MIO-3360 Datasheet
770Kb / 2P
Intel® Pentium N4200/Celeron N3350 Pico-ITX SBC
12-Mar-2021
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
PICO-APL4 AAEON-PICO-APL4 Datasheet
549Kb / 2P
Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
2022/09/13
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UP-EDGE-APL03C2F-A10-0216 AAEON-UP-EDGE-APL03C2F-A10-0216 Datasheet
363Kb / 2P
UP 4000 System with Intel® Pentium® N4200/ Celeron® N3350/ Atom E3950 ™ Processor SoC
2022/09/07
UPN-APLC2F-A10-0232 AAEON-UPN-APLC2F-A10-0232 Datasheet
694Kb / 2P
Developer Board with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
UPN-EDGE-APLC2F-A10-0232 AAEON-UPN-EDGE-APLC2F-A10-0232 Datasheet
498Kb / 2P
UP Squared Pro EDGE System with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com