Electronic Components Datasheet Search
  English  ▼

X  

PPC-112W Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-112W
Description  11.6 All-in-One Panel PC with Rockchip RK3399 processor and Android 10 OS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-112W Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-112W Datasheet HTML 1Page - Advantech Co., Ltd. PPC-112W Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
PPC-112W
Dimensions
Unit: mm
Panel Cutout Dimensions: 298.00 x 193.00 mm (11.73 x 7.60 in)
I/O View
Ordering Information
Part Number
Description
PPC-112W-PK91A
11.6" All-in-one Panel PC with Rockchip RK3399
and Android, 2GB LPDDR4, assembled in China
PPC-112W-PK91AU
11.6" All-in-one Panel PC with Rockchip RK3399
and Android, 2GB LPDDR4, assembled in Taiwan
PPC-ARM-A03
ARM VESA Standard (A-CLEVER) for PPC series
PPC-174T-WL-MTE
Wall mount kit for PPC series
98R3P112W00
Panel mount kit for PPC-112W
98R3P115W10
Wifi module for PPC-115W
PPC-Stand-A1E
Stand for PPC series
1700001524
Power cord 3P UL 10A 125V 1.8M
170203183C
Power cord 3P Europe (WS-010+083) 183cm
1700008921
Power cord 3P/3P 1.8M PSE
96CB-POWER-B-1.8MB
Power code 3P CCC(China) 1.8M
96PSA-A36W12W7-5
ADP A/D 100-240V 36W 12V C6 LOCK DC JACK
62368
A. DC-IN
B. 1 x RS-232
C. 1 x USB 2.0
D. 1 x USB 3.0
E. 1 x LAN
F. 1 x Mirco USB OTG
G. 1 x Reset button
H. 1 x Micro SD slot
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
A
C
F
G
B
D
E
H
291.70
95.86
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com