Electronic Components Datasheet Search
  English  ▼

X  

GP-486 Datasheet(PDF) 3 Page - PerkinElmer Optoelectronics

Part # GP-486
Description  Mini-Triggered Spark Gaps and Transformers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GP-486 Datasheet(HTML) 3 Page - PerkinElmer Optoelectronics

  GP-486 Datasheet HTML 1Page - PerkinElmer Optoelectronics GP-486 Datasheet HTML 2Page - PerkinElmer Optoelectronics GP-486 Datasheet HTML 3Page - PerkinElmer Optoelectronics GP-486 Datasheet HTML 4Page - PerkinElmer Optoelectronics GP-486 Datasheet HTML 5Page - PerkinElmer Optoelectronics GP-486 Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PerkinElmer Optoelectronics
page 3
The trigger transformer circuit must
be capable of providing a small sus-
taining current, typically, a few tens
of milliamperes for reliable triggering.
the characteristic “ring down” of con-
duction current is used to compute
circuit impedance. The circuit is
mechanically designed to yield the
lowest possible overall inductance
and resistance. Excluding the CVR,
a typical circuit resistance is 60
milliohms. Circuit inductance can
vary from 30 to 50 nH.
Transfer Characteristics
For the GP-486 the operating range
(E-E) is 2.0 to 4.0 kV with a minimum
trigger voltage (VT(OC)) open circuit
of 2.0 kV. Static Breakdown Voltage
(SBV) is 4.5 kV. Trigger mode is "C" -
positive trigger and positive opposite
electrode (OE). Changing polarities
will result in changes in operating
characteristics. The triggered spark
gap operating range is shown in
Figure 3.
Life
End of life is determined by changes
in the gap’s performance due to elec-
trode erosion or gas cleanup. Prefire
(firing without a trigger signal) or fail-
ure to fire (no fire with trigger applied)
are typical symptoms determining
end of life.
Life test data indicate reliable firing on
many gaps after 2000 shots at 6000
amps peak current for 200 ns pulse
width at 3.5 kV and load of 0.25
ohm. Life will be reduced with higher
peak currents.
0.020
± 0.010
(0.51)
T
3.0 MIN.
(76.2)
0.105
± 0.010
(2.67)
3.0 MIN
(76.2)
0.267
± 0.010
(6.78)
0.41 MAX (10.4)
0.130
± 0.015
(3.30)
0.415
± 0.015
(10.54)
0.415
± 0.015
(10.54)
AE
0.270
± 0.010
(6.06)
0.610 (15.5)
MAX
0.335 (8.5)
MAX
0.098 (2.50)
MAX
3.0 (76.2)
MIN
0.267 ‚ 0.010
(6.78
± 0.254)
0.278
± 0.010
(7.01
± 0.25)
0.370
± 0.005
(0.94
± 0.13)
0.064/0.120
1.63/3.05
0.563 (14.30)
MIN
0.040
± 0.003
(1.016)
0.015
± 0.005
(0.38
± 0.13)
(2 PLCS)
0.147
± 0.015
(3.73
± 0.38)
0.050
± 0.010
(1.27
± 0.25)
0.247
± 0.020
(6.27
± 0.51)
0.040 (1.02) TYP
(2 PLCS)
0.335 (8.51)
MAX
0.247
± 0.005
(6.27)
0.319
(8.1)
MAX
0.325 MAX
(8.25)
0.025 (0.635)
0.010 (0.254)
0.314
± 0.005
(7.98)
0.437
± 0.010
(11.10)
0.314
± 0.005
(7.98)
OE
Mechanical Specifications
T — Trigger Electrode; AE — Adjacent Electrode; OE — Opposite Electrode
T
T
T
AE
OE
AE
OE
AE
OE
"same"
GP-485
GP-486
GP-488
GP-489



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com