Electronic Components Datasheet Search
  English  ▼

X  

A2S263 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # A2S263
Description  SILICON SCHOTTKY BARRIER DETECTOR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

A2S263 Datasheet(HTML) 1 Page - Advanced Semiconductor

  A2S263 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL
MAXIM
UNITS
Vb
Ir = 100
µA
0.5
1.5
V
tSS
F = 10 GHz
RL = 27 K
Ω
BIAS = NONE
B.W. = 375 KHz
LOW FREQUENCY CUTOFF
= 100 Hz
-59
dBM
Vo
f = 10 GHz
Pin = -40 dBM
BIAS = NONE
5000
8000
µµµµV/µµµµW
RV
800
6000
Ohms
Tsold
t = 5.0 SEC.
+230
OC
SILICON SCHOTTKY BARRIER DETECTOR DIODE
A2S263
DESCRIPTION:
The
ASI A2S263 is a Silicon P-Type
Schottcky Barrier Zero Bias Detector
Diode Housed in a Hermetically
Sealed Glass Package.
MAXIMUM RATINGS
IC
20 mA
VCE
2.5 V
PDISS
100 mW @ TC = 25
OC
TJ
-60
OC to +125 OC
TSTG
-60
OC to +125 OC
PACKAGE STYLE 01
CATHODE INDICATED BY COLOR BAND


Similar Part No. - A2S263

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2S ETC2-A2S Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
logo
GOOD-ARK Electronics
A2S GOOD-ARK-A2S Datasheet
213Kb / 4P
Surface Mount Glass Passivated Standard Rectifier
logo
Nihon Kaiheiki Industry...
A2S NKK-A2S Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
logo
ebm-papst
A2S130-AB03-11 EBMPAPST-A2S130-AB03-11 Datasheet
195Kb / 5P
AC axial fan
2014-05-08
A2S130AB0311 EBMPAPST-A2S130AB0311 Datasheet
195Kb / 5P
AC axial fan
2014-05-08
More results

Similar Description - A2S263

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKD750KP RENESAS-RKD750KP Datasheet
65Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSD276A RENESAS-HSD276A Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSL278 RENESAS-HSL278 Datasheet
145Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSL285 RENESAS-HSL285 Datasheet
54Kb / 5P
Silicon Schottky Barrier Diode for Detector
RKD750KN RENESAS-RKD750KN Datasheet
155Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSC278 RENESAS-HSC278 Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSD278 RENESAS-HSD278 Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSL276A RENESAS-HSL276A Datasheet
144Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSB278S RENESAS-HSB278S Datasheet
78Kb / 5P
Silicon Schottky Barrier Diode for Detector
logo
Hitachi Semiconductor
HSD276A HITACHI-HSD276A Datasheet
37Kb / 5P
Silicon Schottky Barrier Diode for Detector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com