Electronic Components Datasheet Search
  English  ▼

X  

GP-91 Datasheet(PDF) 3 Page - PerkinElmer Optoelectronics

Part # GP-91
Description  Triggered Spark Gaps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GP-91 Datasheet(HTML) 3 Page - PerkinElmer Optoelectronics

  GP-91 Datasheet HTML 1Page - PerkinElmer Optoelectronics GP-91 Datasheet HTML 2Page - PerkinElmer Optoelectronics GP-91 Datasheet HTML 3Page - PerkinElmer Optoelectronics GP-91 Datasheet HTML 4Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PerkinElmer Optoelectronics
page 3
0.185
0.215
DIA
1.020 DIA
MAX
0.187
0.312
1.600 DIA
MAX
45
°
1.330 DIA B.C.
1.310
4 EQUALLY SPACED
MOUNTING HOLES
0.120 DIA
(EACH END)
A
"T"
"O"
"A"
"A"
GP-20B, GP-31B, GP-46B, AND GP-82B
CLEARANCE FOR A
NO. 8 SCREW
4 HOLES EACH END
ON A 2.575 B.C.
90
° ± 1°
CERAMIC BODY
2.000
± 0.010 DIA
"O"
"A"
10-32
UNF THD
"T"
3.0
MAX
DIA
3.0 MAX
2.250
MAX
1.780
REF
"A"
GP-70, GP-85, GP-86, AND GP-87
10-32
UNF THD
GLAZED CERAMIC
4.250
± 0.025
DIA
"A"
"O"
"A"
B
A
3.000
± 0.050
DIA
CLEARANCE FOR A
NO. 8 SCREW
6 HOLES EACH END
ON A 3.937 B.C.
60
° TYP
"T"
GP-12B, GP-14B, GP-15B, GP-22B, GP-30B,
GP-32B AND GP-41B
CLEARANCE FOR A
NO. 8 SCREW
6 HOLES EACH END
ON A 3.937 B.C.
4.250
±0.025
DIA
"O"
0.4 REF
GLAZED CERAMIC
3.900
DIA MAX
"A"
10-32
UNF THD
"T"
60
° TYP
A
0.500 REF
B
"A"
GP-74B and GP-81B
0.120 O.D. NOM
BLACK VINYL JACKET
7/30 TC CENTER
CONDUCTOR 10
± 1 LONG
0.150
MAX
0.150 O.D. NOM
RED VINYL JACKET
7/30 TC CENTER
CONDUCTOR 10
± 1 LONG
1.200
MAX
0.200
MAX
0.700
MAX
0.160
MAX
0.310
MAX
0.090 O.D. NOM
RED AND WHITE
TEFLON JACKET
19/34 TC CENTER
CONDUCTOR 10
± 1 LONG
0.062
± 0.020
0.050 DIA
THRU HOLE
0.250
0.062
± 0.020
0.25
0.590
± 0.030
"T"
"A"
"O"
GP-89, GP-90, GP-91 AND GP-93
“A” = ADJACENT ELECTRODE,
“O” = OPPOSITE ELECTRODE,
“T” = TRIGGER PROBE
TYPE
GP-20B,31B AND 82B
GP-46B
A
MAX
1.187
1.550
TYPE
GP-12B, 14B, 22B AND 30B
GP-15B, 32B AND 41B
A
MAX
2.375
3.625
B
MAX
0.750
0.250
TYPE
GP-74B
GP-81B
A
MAX
3.625
4.500
B
MAX
0.250
RECESSED
MIN
CREEPAGE
PATH IN INCHES
4
6
Note: Dimensions in inches
All data and specifications subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com