Electronic Components Datasheet Search
  English  ▼

X  

A720 Datasheet(PDF) 12 Page - Kemet Corporation

Part # A720
Description  A720 Polymer Aluminum
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A720 Datasheet(HTML) 12 Page - Kemet Corporation

Back Button A720_V01 Datasheet HTML 7Page - Kemet Corporation A720_V01 Datasheet HTML 8Page - Kemet Corporation A720_V01 Datasheet HTML 9Page - Kemet Corporation A720_V01 Datasheet HTML 10Page - Kemet Corporation A720_V01 Datasheet HTML 11Page - Kemet Corporation A720_V01 Datasheet HTML 12Page - Kemet Corporation A720_V01 Datasheet HTML 13Page - Kemet Corporation A720_V01 Datasheet HTML 14Page - Kemet Corporation A720_V01 Datasheet HTML 15Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2078_A720 • 7/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
12
Aluminum Organic Capacitor (AO-CAP)
A720 Polymer Aluminum
Packaging Information Performance Notes
1. Cover tape break force: 1.0 kg minimum.
2. Cover tape peel strength: The total peel strength of the cover tape from the carrier tape shall be:
Tape Width
Peel Strength
8 mm
0.1 to 1.0 newton (10 to 100 gf)
12 mm
0.1 to 1.3 newton (10 to 130 gf)
The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier tape shall be
165°to180°fromtheplaneofthecarriertape.Duringpeeling,thecarrierand/orcovertapeshallbepulledatavelocityof
300 ±10 mm/minute.
3. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA
Standards 556 and 624.
Figure 2 – Maximum Component Rotation
Ao
Bo
°
T
°
s
Maximum Component Rotation
Top View
Maximum Component Rotation
Side View
Tape
Width (mm)
Maximum
Rotation ( °T)
8, 12
20
Tape
Width (mm)
Maximum
Rotation (
8, 12
20
°
S)
Typical Pocket Centerline
Typical Component Centerline
Figure 3 – Maximum Lateral Movement
0.5 mm maximum
0.5 mm maximum
8 mm & 12 mm Tape
Figure 4 – Bending Radius
R
R
Bending
Radius
Embossed
Carrier
Punched
Carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com