Electronic Components Datasheet Search
  English  ▼

X  

IW600 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IW600
Description  Secondary-Side Voltage Positioning Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IW600 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IW600 Datasheet HTML 1Page - Renesas Technology Corp IW600 Datasheet HTML 2Page - Renesas Technology Corp IW600 Datasheet HTML 3Page - Renesas Technology Corp IW600 Datasheet HTML 4Page - Renesas Technology Corp IW600 Datasheet HTML 5Page - Renesas Technology Corp IW600 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
iW600
Secondary-Side Voltage Positioning Controller
1 of 6
Product Summary
Rev. 1.3
© 2022 Renesas Electronics
www.renesas.com
09-Feb-2022
VOUT
RTN
+
+
+
U1
iW1600
VSENSE
GND
VCC
GND
1
2
8
7
6
4
5
L
N
OUTPUT
CS/CDC
HV
RCDC
1
2
D1
iW600
Figure 3.1: iW600 Typical Application Circuit (Using iW1600 as Primary-Side Controller) (Achieving < 10mW
No-load Power Consumption in 5V/2A 10W Adapter with Fast Dynamic Load Response)
1 Description
The iW600 is a secondary-side voltage position controller to detect the voltage undershoot. It can be used in Dialog’s
primary-side control systems to achieve ultra-low no-load power consumption and fast dynamic load response. The iW600
operates in “Normally-OFF” mode with negligible power consumption during power supply normal steady state operation,
while monitoring dynamic load change through the voltage on the secondary rectifier. A wake-up signal is transferred
through the flyback power transformer to the primary side when a dynamic load change is detected. The iW600 eliminates
loop compensation components and the optocoupler on the secondary side to minimize the bill of material cost.
2 Features
■ Fast system output voltage detection
■ Transmits detection signal to the primary side through
flyback transformer
■ Two-electrical-terminal connection simplifies system
PCB layout
3 Applications
■ AC/DC adapters/chargers
■ No external components
■ Enables <10mW no-load power consumption in typical
5V-output systems
■ Available in 3-lead SOT-23 and 2-lead DFN packages


Similar Part No. - IW600

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW600 DIALOG-IW600 Datasheet
375Kb / 6P
Secondary-Side Voltage Positioning Controller
iW600-00-DFN2 DIALOG-iW600-00-DFN2 Datasheet
375Kb / 6P
Secondary-Side Voltage Positioning Controller
iW600-00-ST3 DIALOG-iW600-00-ST3 Datasheet
375Kb / 6P
Secondary-Side Voltage Positioning Controller
More results

Similar Description - IW600

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
LM3101 NSC-LM3101 Datasheet
306Kb / 20P
Secondary-Side PWM Controller
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
logo
Dialog Semiconductor
IW600 DIALOG-IW600 Datasheet
375Kb / 6P
Secondary-Side Voltage Positioning Controller
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
Secondary-side Dimmable Constant Current and Voltage Controller
logo
Diodes Incorporated
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com